Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 258Page - Renesas Technology Corp HD6433635SW Datasheet HTML 259Page - Renesas Technology Corp HD6433635SW Datasheet HTML 260Page - Renesas Technology Corp HD6433635SW Datasheet HTML 261Page - Renesas Technology Corp HD6433635SW Datasheet HTML 262Page - Renesas Technology Corp HD6433635SW Datasheet HTML 263Page - Renesas Technology Corp HD6433635SW Datasheet HTML 264Page - Renesas Technology Corp HD6433635SW Datasheet HTML 265Page - Renesas Technology Corp HD6433635SW Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 418 page
background image
248
(2) Clock: The clock source is determined by bit COM in SMR and bits CKE1 and CKE0 in
serial control register 3 (SCR3). See table 10.12 for the settings. Either an internal clock source
can be used to run the built-in baud rate generator, or an external clock source can be input at pin
SCK
3.
When an external clock source is input to pin SCK
3, it should have a frequency 16 times the
desired bit rate.
When an internal clock source is used, SCK
3 can be used as the clock output pin. The clock output
has the same frequency as the serial bit rate, and is synchronized as in figure 10.6 so that the rising
edge of the clock occurs in the center of each bit of transmit/receive data.
Serial
data
1 character (1 frame)
0
D0D1D2D3D4D5D6D7
0/1
1
1
Clock
Figure 10.6 Phase Relation of Output Clock and Communication Data in Asynchronous
Mode (8-Bit Data, Parity Bit Added, and 2 Stop Bits)
(3) Data Transmit/Receive Operations
SCI3 Initialization: Before data is sent or received, bits TE and RE in serial control register 3
(SCR3) must be cleared to 0, after which initialization can be performed using the procedure.
Note:
When modifying the operation mode, transfer format or other settings, always be sure to
clear bits TE and RE first. When TE is cleared to 0, bit TDRE will be set to 1. Clearing
RE does not clear the status flags RDRF, PER, FER, or OER, or alter the contents of the
receive data register (RDR).
When an external clock is used in asynchronous mode, do not stop the clock during operation,
including during initialization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com