Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 106Page - Renesas Technology Corp R8C13 Datasheet HTML 107Page - Renesas Technology Corp R8C13 Datasheet HTML 108Page - Renesas Technology Corp R8C13 Datasheet HTML 109Page - Renesas Technology Corp R8C13 Datasheet HTML 110Page - Renesas Technology Corp R8C13 Datasheet HTML 111Page - Renesas Technology Corp R8C13 Datasheet HTML 112Page - Renesas Technology Corp R8C13 Datasheet HTML 113Page - Renesas Technology Corp R8C13 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 99 of 205
REJ09B0111-0120
R8C/13 Group
Figure 12.26 TYZMR Register and PUM Register in Programmable Wait One-shot Generation Mode
12.3 Timer (Timer Z)
Timer Y, Z mode register
SymbolAddressAfter reset
TYZMR008016
002
Bit name
Function
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
TZMOD1
TYS
TYWC
TYMOD0
TZMOD0
Timer Y-related bit
TZWC
TZS
0 : Stops counting
1 : Starts counting
Timer Z count
start flag
Timer Z operation
mode bit
b5 b4
Timer Z write
control bit
1
NOTES:
1. When the TZS bit is set to "0" (stop counting), the timer reloads the content of the reload register before it stops.
Read out the count value before you stop the timer.
RW
RW
RW
RW
RW
RW
RW
RW
R1EDG
RW
Must set to "1" in programmable wait one-shot
generation mode
1
1
1 1 : Programmable wait one-shot generation
mode
Bit name
Function
Bit symbol
Timer Y, Z waveform output control register
Symbol
Address
After reset
PUM
008416
0016
b7 b6 b5 b4 b3 b2 b1 b0
TYOPL
TZOPL
INOSEG
INOSTG
INT0 pin one-shot trigger
polarity select bit(1)
Timer Z output level
latch
Timer Y-related bit
INT0 pin one-shot trigger
control bit(2)
Reserved bit
Must set to “0”
(b3-b0)
RW
RW
RW
RW
RW
RW
0
0
0
0
0 : Edge trigger at falling edge
1 : Edge trigger at rising edge
0 : Outputs "H" level one-shot pulse.
Outputs "L" when the timer is stopped.
1 : Outputs "L" level one-shot pulse
Outputs "H" when the timer is stopped.
0 : INT0 pin one-shot trigger disabled
1 : INT0 pin one-shot trigger enabled(2)
NOTES:
1. The INOSEG bit is valid only when the INT0PL bit in the INTEN register is set to "0" (one-edge).
2. The INOSGT bit must be set to “1” after the INT0EN bit the INOSEG register and the INOSEG bit in the PUM register are set.
When setting the INOSTG bit to "1" (INT0 pin one-shot trigger enabled), the INT0F0 and INT0F1 bits in the INT0F register
must be set.
The INOSTG bit must be set to “0” (INT0 pin one-shot trigger disabled) after the TZS bit in the TYZMR register is set to “0”
(count stop).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com