Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 107Page - Renesas Technology Corp R8C13 Datasheet HTML 108Page - Renesas Technology Corp R8C13 Datasheet HTML 109Page - Renesas Technology Corp R8C13 Datasheet HTML 110Page - Renesas Technology Corp R8C13 Datasheet HTML 111Page - Renesas Technology Corp R8C13 Datasheet HTML 112Page - Renesas Technology Corp R8C13 Datasheet HTML 113Page - Renesas Technology Corp R8C13 Datasheet HTML 114Page - Renesas Technology Corp R8C13 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 100 of 205
REJ09B0111-0120
R8C/13 Group
TZOUT pin output
The above applies to the following conditions;
PREZ=0116, TZPR=0116, TZSC=0216
TZOPL bit in PUM register=0, INOSTG bit=1(INT0 one-shot trigger enabled)
INOSEG bit=1(rising edge trigger)
IR bit in
TZIC register
0116
0016
0216
Wait starts
TZOPL bit in
PUM register
INT0 input pin
Contents of Timer Z
TZS bit in
TYZMR register
“1”
“0”
0116
0116
0016
Timer Z
secondary
reload
Count source
Prescaler Z
underflow signal
TZOS bit in
TYZOC register
Set to
“1” by program or “1” by INT0 pin input
trigger
“1”
“0”
“1”
“0”
“1”
“0”
“1”
“0”
“H”
“L”
Set to
“1” by program
Set to
“0” when count
completes
Count
starts
Timer Z
primary
reload
Set to
“0” when interrupt request
is acknowledged or by program
Set to
“0” by program
Waveform
output starts
Waveform
output
completes
Figure 12.27 Operation Example in Programmable Wait One-shot Generation Mode
12.3 Timer (Timer Z)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com