Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 110Page - Renesas Technology Corp R8C13 Datasheet HTML 111Page - Renesas Technology Corp R8C13 Datasheet HTML 112Page - Renesas Technology Corp R8C13 Datasheet HTML 113Page - Renesas Technology Corp R8C13 Datasheet HTML 114Page - Renesas Technology Corp R8C13 Datasheet HTML 115Page - Renesas Technology Corp R8C13 Datasheet HTML 116Page - Renesas Technology Corp R8C13 Datasheet HTML 117Page - Renesas Technology Corp R8C13 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 103 of 205
REJ09B0111-0120
R8C/13 Group
12.4 Timer (Timer C)
Figure 12.31 TC Register, TM0 Register, TM1 Register, TCC0 Register
Symbol
Address
After reset
TC
009116-009016
000016
RW
Internal count source is counted
"000016" can be read out by reading when TCC00 bit = 0 (stops counting)
Count value can be read out by reading when TCC00 bit = 1 (start counting)
Function
Timer C register
Capture and compare 0 register
b7
b0
b7
b0
(b15)
(b8)
(b15)
(b8)
RO
Symbol
Address
After reset
TM1
009F16-009E16
FFFF16
Function
Compare 1 register
b7
b0
b7
b0
(b15)
(b8)
RW
RW
The value compared
with Timer C is stored
Mode
Output compare
mode
Symbol
Address
After reset
TM0
009D16-009C16
0000162
When active edge of measurement pulse is input,
the value of the TC register is stored
Function
b7
b0
b7
b0
RW
RO
The value compared
with Timer C is stored
Mode
Input capture
mode
Output compare
mode(1)
Mode
Function
RW
RW
Setting range
000016 to FFFF16
Setting range
000016 to FFFF16
NOTES:
1. When setting a value in the TM0 register, set the TCC13 bit in the TCC1 register to “1”(compare 0 output selected)
When the TCC13 bit is set to “0”(capture selected), the value cannot be written.
2. When the TCC13 bit in the TCC1 register is set to “1”, the value is set to FFFF16.
Timer C control register 0
SymbolAddressAfter reset
TCC0009A16
0016
Bit name
Function
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fRING-fast
TCC04
TCC02
TCC01
TCC00
TCC03
Timer C control start bit
Timer C count source select
bit(1)
0 : Count stop
1 : Count start
TCC07
b2 b1
0 0 : Rising edge
0 1 : Falling edge
1 0 : Both edges
1 1 : Avoid this setting
b4 b3
RW
(b6-b5)
INT3 interrupt and capture
polarity select bit(1, 2)
INT3 interrupt and
capture input switching bit(1, 2)
0 : INT3
1 : fRING128
RW
RW
RW
RW
NOTES:
1. Change this bit when TCC00 bit is set to “0” (count stop).
2. The IR bit in the INT3IC may be set to “1” (interrupt requested) when the TCC03, TCC04, or TCC07 bit is rewritten.
Refer to the paragraph 19.2.5 “Changing Interrupt Factor” in the Usage Notes Reference Book.
RW
RW
Reserved bit
Must set to "0"
RW
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com