Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 112Page - Renesas Technology Corp R8C13 Datasheet HTML 113Page - Renesas Technology Corp R8C13 Datasheet HTML 114Page - Renesas Technology Corp R8C13 Datasheet HTML 115Page - Renesas Technology Corp R8C13 Datasheet HTML 116Page - Renesas Technology Corp R8C13 Datasheet HTML 117Page - Renesas Technology Corp R8C13 Datasheet HTML 118Page - Renesas Technology Corp R8C13 Datasheet HTML 119Page - Renesas Technology Corp R8C13 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 105 of 205
REJ09B0111-0120
R8C/13 Group
12.4 Timer (Timer C)
12.4.1 Input Capture Mode
This mode uses an edge input to TCIN pin or the fRING128 clock as trigger to latch the timer value and
generates an interrupt request. The TCIN input has a digital filter and this prevents an error caused by
noise or so on from occurring. Table 12.13 shows specifications in input capture mode. Figure 12.33
shows an operation example of input capture mode.
Item
Specification
Count source
f1, f8, f32, fRING-fast
Count operation
• Count up
• Transfer value in TC register to TM0 register at active edge of measurement pulse
• Value in TC register is set to “000016” when a counting stops
Count start condition
TCC00 bit in TCC0 register is set to “1” (count start)
Count stop condition
TCC00 bit in TCC0 register is set to “0” (count stop)
Interrupt request
_____
• When active edge of measurement pulse is input [INT3 interrupt](2)
generation timing
• When Timer C overflows [Timer C interrupt]
______
INT3/TCIN pin function
_______
Programmable I/O port or measurement pulse input (INT3 interrupt input)
P10 to P12, P33 to P35
Programmable I/O port
pin function
Counter value reset timing
When TCC00 bit in TCC0 register is set to “0” (capture disabled)
Read from timer(1)
• Count value can be read out by reading TC register.
• Count value at measurement pulse active edge input can be read out by reading TM0
register.
Write to timer
Write to TC register and TM0 register is disabled
Select function
_____
• INT3/TCIN polarity select function
Measurement pulse active edge is selected by TCC03 to TCC04 bits
• Digital filter function
Digital filter sampling frequency is selected by TCC11 to TCC10 bits
• Trigger select function
TCIN input or fRING128 is selected by TCC07 bit.
NOTES:
1. TC register and TM0 register must be read in 16-bit units.
_______
2. The INT3 interrupt is acknowledged by digital filter delay and one count source cycle delay (max.)
Table 12.13 Input Capture Mode Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com