| Electronic Components Datasheet Search |
|
R8C13 Datasheet(PDF) 120 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C13 Datasheet(HTML) 120 Page - Renesas Technology Corp |
|
120 / 224 page ![]() Rev.1.20 Jan 27, 2006 page 109 of 205 REJ09B0111-0120 R8C/13 Group 13. Serial Interface 13. Serial Interface Serial interface is configured with two channels: UART0 to UART1. UART0 and UART1 each have an exclusive timer to generate a transfer clock, so they operate independently of each other. Figure 13.1 shows a block diagram of UARTi (i=0, 1). Figure 13.2 shows a block diagram of the UARTi transmit/receive. UART0 has two modes: clock synchronous serial I/O mode, and clock asynchronous serial I/O mode (UART mode). UART1 has only one mode, clock asynchronous serial I/O mode (UART mode). Figures 13.3 to 13.5 show the UARTi-related registers. Figure 13.1 UARTi (i=0, 1) Block Diagram Internal External Main clock or on-chip oscillator clock Receive clock Transmit clock f1SIO 1/8 f8SIO 1/4 f32SIO 1/2 CLK1 to CLK0=002 =012 =102 CKDIR=0 CKDIR=1 CLK0 (UART0) RxD0 f1SIO 1/(n0+1) TxD0 RxD1 CLK1 to CLK0=002 =012 =102 To P00 TxD10 TxD11 TXD1SEL=1 TXD1SEL=0 TXD1EN 1/(n1+1) (UART1) 1/16 1/16 1/16 1/16 U0BRG register f8SIO f32SIO f1SIO f8SIO f32SIO CLK polarity reversing circuit Clock synchronous type (when internal clock is selected) Clock synchronous type (when external clock is selected) UART reception Clock synchronous type UART transmission Clock synchronous type Clock synchronous type (when internal clock is selected) Reception control circuit Transmission control circuit Transmit/ receive unit UART reception U1BRG register Internal UART transmission Reception control circuit Transmission control circuit Transmit/ receive unit Reception control circuit Transmission control circuit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |