Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 117Page - Renesas Technology Corp R8C13 Datasheet HTML 118Page - Renesas Technology Corp R8C13 Datasheet HTML 119Page - Renesas Technology Corp R8C13 Datasheet HTML 120Page - Renesas Technology Corp R8C13 Datasheet HTML 121Page - Renesas Technology Corp R8C13 Datasheet HTML 122Page - Renesas Technology Corp R8C13 Datasheet HTML 123Page - Renesas Technology Corp R8C13 Datasheet HTML 124Page - Renesas Technology Corp R8C13 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 110 of 205
REJ09B0111-0120
R8C/13 Group
13. Serial Interface
i=0, 1
SP: Stop bit
PAR: Parity bit
SP
SP
PAR
2SP
1SP
UART
UART (7 bits)
UART (8 bits)
UART (7 bits)
UART (9 bits)
Clock
synchronous
type
Clock
synchronous type
TxDi
UARTi transmit register
PAR
enabled
PAR
disabled
D8
D7
D6
D5
D4
D3
D2
D1
D0
UiTB register
MSB/LSB conversion circuit
UART (8 bits)
UART (9 bits)
Clock
synchronous
type
UiRB register
UARTi receive register
2SP
1SP
PAR
enabled
PAR
disabled
UART
UART (7 bits)
UART (9 bits)
Clock
synchronous
type
Clock
synchronous
type
UART (7 bits)
UART (8 bits)
RxDi
Clock
synchronous type
UART (8 bits)
UART (9 bits)
Data bus low-order bits
MSB/LSB conversion circuit
D7
D6
D5
D4
D3
D2
D1
D0
D8
0
0000
00
SPSP
PAR
“0”
Data bus high-order bits
NOTES:
1. Clock synchronous type is provide in UART0 only.
PRYE=1
PRYE=0
PRYE=1
PRYE=0
Figure 13.2 UARTi Transmit/Receive Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com