Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 123 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 123 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 119Page - Renesas Technology Corp R8C13 Datasheet HTML 120Page - Renesas Technology Corp R8C13 Datasheet HTML 121Page - Renesas Technology Corp R8C13 Datasheet HTML 122Page - Renesas Technology Corp R8C13 Datasheet HTML 123Page - Renesas Technology Corp R8C13 Datasheet HTML 124Page - Renesas Technology Corp R8C13 Datasheet HTML 125Page - Renesas Technology Corp R8C13 Datasheet HTML 126Page - Renesas Technology Corp R8C13 Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 112 of 205
REJ09B0111-0120
R8C/13 Group
13. Serial Interface
UARTi transmit/receive mode register (i=0, 1)
SymbolAddressAfter reset
U0MR00A016
0016
U1MR00A816
0016
b7b6b5b4
b3b2b1b0
Bit name
Bit
symbol
RW
CKDIR
SMD1
SMD0
Serial interface mode
select bit(2)
SMD2
Internal/external clock
select bit(3)
STPS
PRY
PRYE
(b7)
Parity enable bit
0 : Internal clock
1 : External clock(1)
Stop bit length select bit
Odd/even parity select bit
Reserved bit
0 : 1 stop bit
1 : 2 stop bits
0 : Parity disabled
1 : Parity enabled
0 0 0 : Serial interface disabled
0 0 1 : Clock synchronous serial I/O mode
1 0 0 : UART mode transfer data 7 bits long
1 0 1 : UART mode transfer data 8 bits long
1 1 0 : UART mode transfer data 9 bits long
Must not be set except above
b2 b1 b0
Effective when PRYE = 1
0 : Odd parity
1 : Even parity
Must set to “0”
Function
NOTES:
1. Must set the P1_6 bit in the PD1 register to “0” (input).
2. For the U1MR register, the SMD2 to SMD0 bits must not be set except the followings: “0002”, “1002”, “1012”, or “1102”.
3. Must set the CKDIR bit to “0” (internal clock) in UART1.
UARTi transmit/receive control register 0 (i=0, 1)
SymbolAddressAfter reset
U0C000A416
0816
U1C000AC16
0816
b7
b6
b5
b4
b3
b2
b1
b0
Function
TXEPT
CLK1
CLK0
(b2)
NCH
CKPOL
BRG count source
select bit(1)
Transmit register empty
flag
0 : Transmit data is output at falling edge of transfer clock
and receive data is input at rising edge
1 : Transmit data is output at rising edge of transfer clock
and receive data is input at falling edge
CLK polarity select bit
Data output select bit
0 0 : f1SIO is selected
0 1 : f8SIO is selected
1 0 : f32SIO is selected
1 1 : Avoid this setting
b1 b0
0 : LSB first
1 : MSB first
0 : Data present in transmit register (during transmission)
1 : No data present in transmit register
(transmission completed)
Nothing is assigned.
When write, set to “0”. When read, its content is indeterminate.
0 : TxDi pin is a pin of CMOS output
1 : TxDi pin is a pin of N-channel open-drain output
UFORMTransfer format select bit
Bit name
Bit
symbol
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RO
0
0
Reserved bitSet to “0”
(b4)
NOTES:
1. If the BRG count source is switched, set the UiBRG register again.
Figure 13.4 U0MR and U1MR Registers and U0C0 and U1C0 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com