Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 120Page - Renesas Technology Corp R8C13 Datasheet HTML 121Page - Renesas Technology Corp R8C13 Datasheet HTML 122Page - Renesas Technology Corp R8C13 Datasheet HTML 123Page - Renesas Technology Corp R8C13 Datasheet HTML 124Page - Renesas Technology Corp R8C13 Datasheet HTML 125Page - Renesas Technology Corp R8C13 Datasheet HTML 126Page - Renesas Technology Corp R8C13 Datasheet HTML 127Page - Renesas Technology Corp R8C13 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 113 of 205
REJ09B0111-0120
R8C/13 Group
13. Serial Interface
UARTi transmit/receive control register 1 (i=0, 1)
SymbolAddressAfter reset
U0C100A516
0216
U1C100AD16
0216
b7b6b5b4b3b2b1b0
Bit name
Bit
symbol
RW
Function
TE
TI
RE
RI
Transmit enable bit
Receive enable bit(1)
Receive complete flag(2)
Transmit buffer
empty flag
0 : Transmission disabled
1 : Transmission enabled
0 : Data present in UiTB register
1 : No data present in UiTB register
0 : Reception disabled
1 : Reception enabled
0 : No data present in UiRB register
1 : Data present in UiRB register
Nothing is assigned.
When write, set “0”. When read, its content is “0”.
RW
RW
RO
RO
(b7-b4)
NOTES:
1. As for the UART1, set the TXD1EN bit in the UCON register before setting this bit to reception enabled.
2. The RI bit is set to "0" when the higher byte of the UiRB register is read.
Figure 13.5 U0C1 and U1C1 Registers and UCON Register
NOTES:
1. For P37, select “0” (RxD1) for data receive, and “1” (TxD10) for data transfer.
Set the PD3_7 bit in the PD3 register to “0” (input mode) when receiving.
2. Do not set the TXD1SEL and TXD1EN bits to “1” at the same time since they function independently.
UART transmit/receive control register 2
Symbol
Address
After reset
UCON
00B016
0016
b7b6b5b4b3b2b1b0
Bit name
Bit
symbol
RW
Function
TXD1SEL
TXD1EN
UART0 transmit
interrupt cause select bit
UART0 continuous
receive mode enable bit
0 : Continuous receive mode disabled
1 : Continuous receive mode enable
Port TxD11 switching bit(2)
UART1 transmit
interrupt cause select bit
0 : Transmit buffer empty (Tl = 1)
1 : Transmission completed (TXEPT = 1)
0 : Transmit buffer empty (Tl = 1)
1 : Transmission completed (TXEPT = 1)
0 : RxD1
1 : TxD10
Nothing is assigned.
When write, set “0”. When read, its content is “0”.
U0IRS
U1IRS
U0RRM
TxD10/RxD1
select bit(1, 2)
0 : I/O port P00
1 : TxD11
Must set to “0”
RW
RW
RW
RW
RW
RW
(b7)
(b4-b3)
Reserved bit
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com