Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 113Page - Renesas Technology Corp R8C13 Datasheet HTML 114Page - Renesas Technology Corp R8C13 Datasheet HTML 115Page - Renesas Technology Corp R8C13 Datasheet HTML 116Page - Renesas Technology Corp R8C13 Datasheet HTML 117Page - Renesas Technology Corp R8C13 Datasheet HTML 118Page - Renesas Technology Corp R8C13 Datasheet HTML 119Page - Renesas Technology Corp R8C13 Datasheet HTML 120Page - Renesas Technology Corp R8C13 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 106 of 205
REJ09B0111-0120
R8C/13 Group
12.4 Timer (Timer C)
TCC00 bit in TCC0
register
Measurement pulse
(TCIN pin input)
TM0 register
FFFF16
000016
Count start
IR bit in TCIC
register
“H”
“L”
“1”
“0”
Set to “0” when interrupt
request is accepted, or set by
program
Set to "0" by
program
Set to "1" by program
Overflow
Measurement value 2
Indeterminate
Set to “0” when interrupt request is accepted, or set by program
IR bit in INT3IC
register
Measurement value 1
Transmit timing from
Timer C counter to
TM0 register
Measurement
value 1
Measurement value 2
Measurement
value 3
Indeterminate
Transmit
(Measurement
value 3)
Transmit
(Measurement
value 2)
Transmit
(Measurement
value 1)
Time
Measure-
ment
value 3
“1”
“0”
“1”
“0”
The delay caused by digital filter and
one cycle delay (max.) of count source
Conditions: TCC0 register TCC04 to TCC03 bits=012 (capture input polarity is set for falling edge),
TCC07=0 (INT3/TCIN input as capture input trigger)
Figure 12.33 Operation Example of Timer C in Input Capture Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com