Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 535 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 535 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 531Page - Renesas Technology Corp SH7713 Datasheet HTML 532Page - Renesas Technology Corp SH7713 Datasheet HTML 533Page - Renesas Technology Corp SH7713 Datasheet HTML 534Page - Renesas Technology Corp SH7713 Datasheet HTML 535Page - Renesas Technology Corp SH7713 Datasheet HTML 536Page - Renesas Technology Corp SH7713 Datasheet HTML 537Page - Renesas Technology Corp SH7713 Datasheet HTML 538Page - Renesas Technology Corp SH7713 Datasheet HTML 539Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 535 / 904 page
background image
Section 14 Timer Unit (TMU)
Rev.1.50 Aug. 30, 2006 Page 495 of 860
REJ09B0288-0150
Section 14 Timer Unit (TMU)
This LSI includes a three-channel (channel 0 to 2) 32-bit timer unit (TMU).
14.1
Features
The TMU has the following features:
• Each channel is provided with an auto-reload 32-bit down counter
• All channels are provided with 32-bit constant registers and 32-bit down counters for an auto-
reload function that can be read or written to at any time
• All channels generate interrupt requests when the 32-bit down counter underflows
(H'00000000
→ H'FFFFFFFF)
• Allows selection among 4 counter input clocks: Pφ/4, Pφ/16, Pφ/64, and Pφ/256
Note:
P
φ is the internal clock for peripheral modules. See section 11, On-Chip Oscillation
Circuits, for more information on the clock pulse generator.
14.1.1
Block Diagram
Figure 14.1 shows a block diagram of the TMU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com