Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 539 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 539 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 535Page - Renesas Technology Corp SH7713 Datasheet HTML 536Page - Renesas Technology Corp SH7713 Datasheet HTML 537Page - Renesas Technology Corp SH7713 Datasheet HTML 538Page - Renesas Technology Corp SH7713 Datasheet HTML 539Page - Renesas Technology Corp SH7713 Datasheet HTML 540Page - Renesas Technology Corp SH7713 Datasheet HTML 541Page - Renesas Technology Corp SH7713 Datasheet HTML 542Page - Renesas Technology Corp SH7713 Datasheet HTML 543Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 539 / 904 page
background image
Section 14 Timer Unit (TMU)
Rev.1.50 Aug. 30, 2006 Page 499 of 860
REJ09B0288-0150
Bit
Bit Name
Initial Value R/W
Description
5
UNIE
0
R/W
Underflow Interrupt Control
Controls enabling of interrupt generation when the
status flag (UNF) indicating TCNT underflow has been
set to 1.
0: Interrupt due to UNF (TUNI) is disabled
1: Interrupt due to UNF (TUNI) is enabled
4, 3
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
2
1
0
TPSC2
TPSC1
TPSC0
0
0
0
R/W
R/W
R/W
Timer Prescaler 2 to 0
Select the TCNT count clock.
000: Count on P
φ/4
001: Count on P
φ/16
010: Count on P
φ/64
011: Count on P
φ/256
100: Reserved (Setting prohibited)
101: Reserved (Setting prohibited)
110: Reserved (Setting prohibited)
111: Reserved (Setting prohibited)
14.2.3
Timer Constant Registers (TCOR)
The TMU has three timer constant registers (TCOR), one for each channel. The TCOR registers
set the value to be set in TCNT when TCNT underflows.
The TCOR registers are 32-bit readable/writable registers. They are initialized to H'FFFFFFFF by
a power-on reset or manual reset, but are not initialized, and retain their contents, in standby
mode.
14.2.4
Timer Counters (TCNT)
The TMU has three timer counters (TCNT), one for each channel. The timer counters (TCNT)
counts down upon input of a clock. The input clock is selected using the TPSC2 to TPSC0 bits in
the timer control registers (TCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com