Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 537 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 537 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 533Page - Renesas Technology Corp SH7713 Datasheet HTML 534Page - Renesas Technology Corp SH7713 Datasheet HTML 535Page - Renesas Technology Corp SH7713 Datasheet HTML 536Page - Renesas Technology Corp SH7713 Datasheet HTML 537Page - Renesas Technology Corp SH7713 Datasheet HTML 538Page - Renesas Technology Corp SH7713 Datasheet HTML 539Page - Renesas Technology Corp SH7713 Datasheet HTML 540Page - Renesas Technology Corp SH7713 Datasheet HTML 541Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 537 / 904 page
background image
Section 14 Timer Unit (TMU)
Rev.1.50 Aug. 30, 2006 Page 497 of 860
REJ09B0288-0150
14.2
Register Descriptions
The TMU has the following registers. Refer the section 23, List of Registers, for the addresses and
access size for these registers.
• Timer start register (TSTR)
• Timer constant register 0 (TCOR0)
• Timer counter 0 (TCNT0)
• Timer control register 0 (TCR0)
• Timer constant register 1 (TCOR1)
• Timer counter 1 (TCNT1)
• Timer control register 1 (TCR1)
• Timer constant register 2 (TCOR2)
• Timer counter 2 (TCNT2)
• Timer control register 2 (TCR2)
14.2.1
Timer Start Register (TSTR)
The timer start register (TSTR) selects whether to run or halt the timer counters (TCNT) for
channels 0 to 2.
TSTR is an 8-bit readable/writable register. It is initialized to H'00 by a power-on reset or manual
reset. It is initialized in standby mode when the multiplication ratio of PLL circuit 1 (PLL1) is
changed or when the MSTP2 bit in STBCR is set to 1.
Bit
Bit Name
Initial Value
R/W
Description
7 to 3
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
2
STR2
0
R/W
Counter Start 2
Selects whether to run or halt TCNT2.
0: TCNT2 count halted
1: TCNT2 counts
1
STR1
0
R/W
Counter Start 1
Selects whether to run or halt TCNT1.
0: TCNT1 count halted
1: TCNT1 counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com