Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 538 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 538 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 534Page - Renesas Technology Corp SH7713 Datasheet HTML 535Page - Renesas Technology Corp SH7713 Datasheet HTML 536Page - Renesas Technology Corp SH7713 Datasheet HTML 537Page - Renesas Technology Corp SH7713 Datasheet HTML 538Page - Renesas Technology Corp SH7713 Datasheet HTML 539Page - Renesas Technology Corp SH7713 Datasheet HTML 540Page - Renesas Technology Corp SH7713 Datasheet HTML 541Page - Renesas Technology Corp SH7713 Datasheet HTML 542Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 538 / 904 page
background image
Section 14 Timer Unit (TMU)
Rev.1.50 Aug. 30, 2006 Page 498 of 860
REJ09B0288-0150
Bit
Bit Name
Initial Value
R/W
Description
0
STR0
0
R/W
Counter Start 0
Selects whether to run or halt TCNT0.
0: TCNT0 count halted
1: TCNT0 counts
14.2.2
Timer Control Registers (TCR)
The timer control registers (TCR) control the timer counters (TCNT) and interrupts. The TMU has
three TCR registers, one for each channel.
The TCR registers control the issuance of interrupts when the flag indicating timer counters
(TCNT) underflow has been set to 1, and also carry out counter clock selection.
The TCR registers are 16-bit readable/writable registers. They are initialized to H'0000 by a
power-on reset and manual reset, but are not initialized, and retain their contents, in standby mode.
Bit
Bit Name
Initial Value R/W
Description
15 or 9
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
8
UNF
0
R/W
Underflow Flag
Status flag that indicates occurrence of a TCNT
underflow.
0: TCNT has not underflowed
[Clearing condition]
0 is written to UNF
1: TCNT has underflowed
[Setting condition]
TCNT underflows*
Note: * Contents do not change when 1 is written to
UNF.
7, 6
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com