Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 540 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 540 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 536Page - Renesas Technology Corp SH7713 Datasheet HTML 537Page - Renesas Technology Corp SH7713 Datasheet HTML 538Page - Renesas Technology Corp SH7713 Datasheet HTML 539Page - Renesas Technology Corp SH7713 Datasheet HTML 540Page - Renesas Technology Corp SH7713 Datasheet HTML 541Page - Renesas Technology Corp SH7713 Datasheet HTML 542Page - Renesas Technology Corp SH7713 Datasheet HTML 543Page - Renesas Technology Corp SH7713 Datasheet HTML 544Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 540 / 904 page
background image
Section 14 Timer Unit (TMU)
Rev.1.50 Aug. 30, 2006 Page 500 of 860
REJ09B0288-0150
When a TCNT count-down results in an underflow (H'00000000
→ H'FFFFFFFF), the underflow
flag (UNF) in TCR of the relevant channel is set. The TCOR value is simultaneously set in TCNT
itself and the count-down continues from that value.
TCNT is initialized to H'FFFFFFFF by a power-on reset or manual reset, but is not initialized, and
retains its contents, in standby mode.
14.3
TMU Operation
Each of the three channels has a 32-bit TCNT and a 32-bit TCOR. TCNT counts down. The auto-
reload function enables synchronized counting and counting by external events.
14.3.1
Counter Operation
When the STR0 to STR2 bits in TSTR are set to 1, the corresponding TCNT starts counting.
When TCNT underflows, the underflow flag (UNF) of the corresponding TCR is set. At this time,
if the UNIE bit in TCR is 1, an interrupt request is sent to the CPU. Also at this time, the value is
copied from TCOR to TCNT and the down-count operation is continued.
Count Operation Setting Procedure: An example of the procedure for setting the count
operation is shown in figure 14.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com