Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 541 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 541 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 537Page - Renesas Technology Corp SH7713 Datasheet HTML 538Page - Renesas Technology Corp SH7713 Datasheet HTML 539Page - Renesas Technology Corp SH7713 Datasheet HTML 540Page - Renesas Technology Corp SH7713 Datasheet HTML 541Page - Renesas Technology Corp SH7713 Datasheet HTML 542Page - Renesas Technology Corp SH7713 Datasheet HTML 543Page - Renesas Technology Corp SH7713 Datasheet HTML 544Page - Renesas Technology Corp SH7713 Datasheet HTML 545Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 541 / 904 page
background image
Section 14 Timer Unit (TMU)
Rev.1.50 Aug. 30, 2006 Page 501 of 860
REJ09B0288-0150
Select operation
Select counter
clock
Set underflow
interrupt generation
Set timer constant
register
Initialize timer
counter
Start counting
(1)
(2)
(3)
(4)
(5)
Note: When an interrupt has been generated, clear the flag in the interrupt handler that caused it.
If interrupts are enabled without clearing the flag, another interrupt will be generated.
(1) Select the counter clock
with the TPSC2 to TPSC0
bits in TCR.
(2) Use the UNIE bit in TCR
to set whether to
generate an interrupt
when TCNT underflows.
(3) Set a value in TCOR (the
cycle is the set value plus
1).
(4) Set the initial value in
TCNT.
(5) Set the STR bit in TSTR
to 1 to start operation.
Figure 14.2 Setting Count Operation
Auto-Reload Count Operation: Figure 14.3 shows the TCNT auto-reload operation.
TCNT value
TCOR
H'00000000
STR0–STR2
UNF
TCOR value set to
TCNT during underflow
Time
Figure 14.3 Auto-Reload Count Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com