Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 668 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 668 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 664Page - Renesas Technology Corp SH7721 Datasheet HTML 665Page - Renesas Technology Corp SH7721 Datasheet HTML 666Page - Renesas Technology Corp SH7721 Datasheet HTML 667Page - Renesas Technology Corp SH7721 Datasheet HTML 668Page - Renesas Technology Corp SH7721 Datasheet HTML 669Page - Renesas Technology Corp SH7721 Datasheet HTML 670Page - Renesas Technology Corp SH7721 Datasheet HTML 671Page - Renesas Technology Corp SH7721 Datasheet HTML 672Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 668 / 1524 page
background image
Section 18
Serial Communication Interface with FIFO (SCIF)
Rev. 3.00 Jan. 18, 2008 Page 606 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value
R/W
Description
0
DR
0
R/(W)*
Receive Data Ready
Indicates that the receive FIFO data register
(SCFRDR) stores the data which is less than the
specified number of receive triggers, and that next
data is not yet received after 15 etu has elapsed
from the last stop bit in asynchronous mode.
0: Receive is in progress, or no received data
remains in SCFRDR after the receive ended
normally.
[Clearing conditions] (Initial value)
• Power-on reset, manual reset
• All receive data in SCFRDR is read, and DR is
read as 1, then written to with 0.
1: Next receive data is not received
[Setting condition]
SCFRDR stores the data which is less than the
specified number of receive triggers, and that next
data is not yet received after 15 etu has elapsed
from the last stop bit.*
Note:
*
This is equivalent to 1.5 frames with the
8-bit 1-stop-bit format. (etu: Element
Time Unit)
Note:
*
The only value that can be written is 0 to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com