Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 664 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 664 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 660Page - Renesas Technology Corp SH7721 Datasheet HTML 661Page - Renesas Technology Corp SH7721 Datasheet HTML 662Page - Renesas Technology Corp SH7721 Datasheet HTML 663Page - Renesas Technology Corp SH7721 Datasheet HTML 664Page - Renesas Technology Corp SH7721 Datasheet HTML 665Page - Renesas Technology Corp SH7721 Datasheet HTML 666Page - Renesas Technology Corp SH7721 Datasheet HTML 667Page - Renesas Technology Corp SH7721 Datasheet HTML 668Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 664 / 1524 page
background image
Section 18
Serial Communication Interface with FIFO (SCIF)
Rev. 3.00 Jan. 18, 2008 Page 602 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value
R/W
Description
6
TEND
1
R
Transmit End
Indicates that when the last bit of a serial character was
transmitted, the SCFTDR did not contain valid data, so
transmission has ended.
0: Transmission is in progress
[Clearing condition]
Data is written to SCFTDR.
1: End of transmission
[Setting condition]
SCFTDR contains no transmit data when the last bit of a one-
byte serial character is transmitted.
5
TDFE
1
R/(W)*
Transmit FIFO Data Empty
Indicates that data is transferred from the transmit FIFO data
register (SCFTDR) to the transmit shift register (SCTSR), the
number of data in SCFTDR becomes less than the number of
transmission triggers specified by the TTRG1 and TTRG0 bits
in the FIFO control register (SCFCR), and writing the transmit
data to SCFTDR is enabled.
0: The number of transmit data written to SCFTDR is greater
than the specified number of transmission triggers
[Clearing condition]
Data exceeding the specified number of transmission
triggers is written to SCFTDR, software reads TDFE after it
has been set to 1, then writes 0 to TDFE.
1: The number of transmission data in SCFTDR becomes less
than the specified number of transmission triggers
[Setting conditions]
•
Power-on reset, manual reset
•
The number of transmission data in SCFTDR becomes
less than the specified number of transmission triggers as
a result of transmission*
Note:
*
Since SCFTDR is a 64-byte FIFO register, the
maximum number of data which can be written
when TDFE is 1 is "64 minus the specified
number of transmission triggers". If attempted to
write additional data, the data is ignored. The
number of data in SCFTDR is indicated by
SCFDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com