Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 671 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 671 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 667Page - Renesas Technology Corp SH7721 Datasheet HTML 668Page - Renesas Technology Corp SH7721 Datasheet HTML 669Page - Renesas Technology Corp SH7721 Datasheet HTML 670Page - Renesas Technology Corp SH7721 Datasheet HTML 671Page - Renesas Technology Corp SH7721 Datasheet HTML 672Page - Renesas Technology Corp SH7721 Datasheet HTML 673Page - Renesas Technology Corp SH7721 Datasheet HTML 674Page - Renesas Technology Corp SH7721 Datasheet HTML 675Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 671 / 1524 page
background image
Section 18
Serial Communication Interface with FIFO (SCIF)
Rev. 3.00 Jan. 18, 2008 Page 609 of 1458
REJ09B0033-0300
18.3.10
FIFO Control Register (SCFCR)
SCFCR is a 16-bit readable/writable register that resets the number of data in the transmit and
receive FIFO registers, sets the number of trigger data, and contains an enable bit for the loop back
test.
Bit
Bit Name
Initial Value R/W
Description
15
TSE
0
R/W
Transmit Data Stop Enable
Enables or disables transmit data stop function. This
function is enabled only in asynchronous mode.
Since this function is not supported in synchronous
mode, clear this bit to 0 in synchronous mode.
0: Transmit data stop function disabled
1: Transmit data stop function enabled
14
TCRST
0
R/W
Transmit Count Reset
Clears the transmit count to 0. This bit is available
while the transmit data stop function is enabled.
0: Transmit count reset disabled*
1: Transmit count reset enabled (cleared to 0)
Note:
*
The transmit count is reset (cleared to 0)
by a power-on reset or manual reset.
13 to 11
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
10
9
8
RSTRG2
RSTRG1
RSTRG0
0
0
0
R/W
R/W
R/W
Trigger of the
RTS Output Active 2 to 0
The
RTS signal goes to high, when the number of
receive data count stored in the receive FIFO data
register (SCFRDR) is increased more than the
number of setting triggers listed below.
000: 63
001: 1
010: 8
011: 16
100: 32
101: 48
110: 54
111: 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com