Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 674 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 674 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 670Page - Renesas Technology Corp SH7721 Datasheet HTML 671Page - Renesas Technology Corp SH7721 Datasheet HTML 672Page - Renesas Technology Corp SH7721 Datasheet HTML 673Page - Renesas Technology Corp SH7721 Datasheet HTML 674Page - Renesas Technology Corp SH7721 Datasheet HTML 675Page - Renesas Technology Corp SH7721 Datasheet HTML 676Page - Renesas Technology Corp SH7721 Datasheet HTML 677Page - Renesas Technology Corp SH7721 Datasheet HTML 678Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 674 / 1524 page
background image
Section 18
Serial Communication Interface with FIFO (SCIF)
Rev. 3.00 Jan. 18, 2008 Page 612 of 1458
REJ09B0033-0300
18.3.11
FIFO Data Count Register (SCFDR)
SCFDR is a 16-bit register which indicates the number of data stored in the receive FIFO data
register (SCFRDR). The SCFDR is always read from the CPU.
The bits 14 to 8 of this register indicate the number of transmit data items stored in the SCFTDR
that have not yet been transmitted.
The bits 6 to 0 of this register indicate the number of receive data items stored in the SCFRDR.
Bit
Bit Name
Initial Value R/W
Description
15
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
14
13
12
11
10
9
8
T6
T5
T4
T3
T2
T1
T0
0
0
0
0
0
0
0
R
R
R
R
R
R
R
These bits indicate the number of non-transmitted
data stored in the SCFTDR. The H'00 means no
transmit data, and the H'40 means that the full of
transmit data are stored in the SCFTDR.
7
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
6
5
4
3
2
1
0
R6
R5
R4
R3
R2
R1
R0
0
0
0
0
0
0
0
R
R
R
R
R
R
R
These bits indicate the number of receive data
stored in the SCFRDR. The H'00 means no receive
data, and the H'40 means that the full of receive
data are stored in the SCFRDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com