Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 672 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 672 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 668Page - Renesas Technology Corp SH7721 Datasheet HTML 669Page - Renesas Technology Corp SH7721 Datasheet HTML 670Page - Renesas Technology Corp SH7721 Datasheet HTML 671Page - Renesas Technology Corp SH7721 Datasheet HTML 672Page - Renesas Technology Corp SH7721 Datasheet HTML 673Page - Renesas Technology Corp SH7721 Datasheet HTML 674Page - Renesas Technology Corp SH7721 Datasheet HTML 675Page - Renesas Technology Corp SH7721 Datasheet HTML 676Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 672 / 1524 page
background image
Section 18
Serial Communication Interface with FIFO (SCIF)
Rev. 3.00 Jan. 18, 2008 Page 610 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value R/W
Description
7
6
RTRG1
RTRG0
0
0
R/W
R/W
Trigger of the Number of Receive FIFO Data 1, 0
Set the number of receive data which sets the
receive data full (RDF) flag in the serial status
register (SCSSR). These bits set the RDF flag when
the number of receive data stored in the receive
FIFO data register (SCFRDR) is increased more
than the number of setting triggers listed below.
00: 1
01: 16
10: 32
11: 48
5
4
TTRG1
TTRG0
0
0
R/W
R/W
Trigger of the Number of Transmit FIFO Data 1, 0
Set the number of remaining transmit data which
sets the transmit FIFO data register empty (TDFE)
flag in the serial status register (SCSSR). These bits
set the TDFE flag when the number of transmit data
in the transmit FIFO data register (SCFTDR) is
decreased less than the number of setting triggers
listed below.
00: 32 (32)
01: 16 (49)
10: 2 (62)
11: 0 (64)
Note:
*
Values in brackets mean the number of
empty bytes in SCFTDR when the TDFE
is set.
3
MCE
0
R/W
Modem Control Enable
Enables the modem control signals
CTS and RTS.
0: Disables the modem signal*
1: Enables the modem signal
Note:
*
The
CTS is fixed to active 0 regardless
of the input value, and the
RTS is also
fixed to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com