Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 673 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 673 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 669Page - Renesas Technology Corp SH7721 Datasheet HTML 670Page - Renesas Technology Corp SH7721 Datasheet HTML 671Page - Renesas Technology Corp SH7721 Datasheet HTML 672Page - Renesas Technology Corp SH7721 Datasheet HTML 673Page - Renesas Technology Corp SH7721 Datasheet HTML 674Page - Renesas Technology Corp SH7721 Datasheet HTML 675Page - Renesas Technology Corp SH7721 Datasheet HTML 676Page - Renesas Technology Corp SH7721 Datasheet HTML 677Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 673 / 1524 page
background image
Section 18
Serial Communication Interface with FIFO (SCIF)
Rev. 3.00 Jan. 18, 2008 Page 611 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value R/W
Description
2
TFRST
0
R/W
Transmit FIFO Data Register Reset
Cancels the transmit data in the transmit FIFO data
register and resets the data to the empty state.
0: Disables reset operation*
1: Enables reset operation
Note:
*
The reset is executed in a power-on
reset or a manual reset.
1
RFRST
0
R/W
Receive FIFO Data Register Reset
Cancels the receive data in the receive FIFO data
register and resets the data to the empty state.
0: Disables reset operation*
1: Enables reset operation
Note:
*
The reset is executed in a power-on
reset or a manual reset.
0
LOOP
0
R/W
Loop Back Test
Internally connects the transmit output pin (TxD)
and receive input pin (RxD) and enables the loop
back test.
0: Disables the loop back test
1: Enables the loop back test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com