Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 677 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 677 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 673Page - Renesas Technology Corp SH7721 Datasheet HTML 674Page - Renesas Technology Corp SH7721 Datasheet HTML 675Page - Renesas Technology Corp SH7721 Datasheet HTML 676Page - Renesas Technology Corp SH7721 Datasheet HTML 677Page - Renesas Technology Corp SH7721 Datasheet HTML 678Page - Renesas Technology Corp SH7721 Datasheet HTML 679Page - Renesas Technology Corp SH7721 Datasheet HTML 680Page - Renesas Technology Corp SH7721 Datasheet HTML 681Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 677 / 1524 page
background image
Section 18
Serial Communication Interface with FIFO (SCIF)
Rev. 3.00 Jan. 18, 2008 Page 615 of 1458
REJ09B0033-0300
Table 18.3
Serial Transmit/Receive Formats
SCSMR Bits
Serial Transmit/Receive Format and Frame Length
CHR PE
STOP
1
2
3
4
5
6
7
8
9
10
11
12
0
0
0
START
8-Bit data
STOP
0
0
1
START
8-Bit data
STOP STOP
0
1
0
START
8-Bit data
P
STOP
0
1
1
START
8-Bit data
P
STOP STOP
1
0
0
START
7-Bit data
STOP
1
0
1
START
7-Bit data
STOP STOP
1
1
0
START
7-Bit data
P
STOP
1
1
1
START
7-Bit data
P
STOP STOP
(2)
Clock
Either an internal clock generated by the on-chip baud rate generator or an external clock input at
the SCK pin can be selected as the SCI's serial clock, according to the setting of the CKE bit in the
serial control register (SCSCR).
When an external clock is input at the SCK pin, the clock appropriate for the sampling rate should
be input. For example, when the sampling rate is 1/16, the clock frequency should be 8 times the
bit rate used.
(3)
Transmitting and Receiving Data (SCIF Initialization)
Before transmitting or receiving, clear the TE and RE bits to 0 in SCSCR, then initialize the SCIF
as follows.
When changing the communication format, always clear the TE and RE bits to 0 before following
the procedure given below. Clearing TE to 0 initializes the transmit shift register (SCTSR).
Clearing TE and RE to 0, however, does not initialize the serial status register (SCSSR), transmit
FIFO data register (SCFTDR), or receive FIFO data register (SCFRDR), which retain their
previous contents.
Clear TE to 0 after all transmit data are transmitted and the TEND bit in the SCSSR is set. The
transmitting data enters the high impedance state after clearing to 0 although the bit can be cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com