Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 680 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 680 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 676Page - Renesas Technology Corp SH7721 Datasheet HTML 677Page - Renesas Technology Corp SH7721 Datasheet HTML 678Page - Renesas Technology Corp SH7721 Datasheet HTML 679Page - Renesas Technology Corp SH7721 Datasheet HTML 680Page - Renesas Technology Corp SH7721 Datasheet HTML 681Page - Renesas Technology Corp SH7721 Datasheet HTML 682Page - Renesas Technology Corp SH7721 Datasheet HTML 683Page - Renesas Technology Corp SH7721 Datasheet HTML 684Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 680 / 1524 page
background image
Section 18
Serial Communication Interface with FIFO (SCIF)
Rev. 3.00 Jan. 18, 2008 Page 618 of 1458
REJ09B0033-0300
In serial transmission, the SCIF operates as described below.
1. When data is written into the transmit FIFO data register (SCFTDR), the SCIF transfers the
data from SCFTDR to the transmit shift register (SCTSR) and starts transmitting. Confirm that
the TDFE flag in the serial status register (SCSSR) is set to 1 before writing transmit data to
SCFTDR. The number of data bytes that can be written is (64 – transmit trigger setting).
2. When data is transferred from SCFTDR to SCTSR and transmission is started, consecutive
transmit operations are performed until there is no transmit data left in SCFTDR. When the
number of transmit data bytes in SCFTDR falls below the transmit trigger number set in the
FIFO control register (SCFCR), the TDFE flag is set. If the TIE bit in the serial control register
(SCSR) is set to 1 at this time, a transmit-FIFO-data-empty interrupt request is generated.
When the number of transmit data matches the data set in the transmit data stop register
(SCTDSR) while the transmit data stop function is used, the transmit operation is stopped and
the TSF flag in the serial status register (SCSSR) is set. When the TSIE bit in the serial control
register (SCSCR) is set to 1, transmit data stop interrupt request is generated. A common
interrupt vector is assigned to the transmit-FIFO-data-empty interrupt and the transmit-data-
stop interrupt.
The serial transmit data is sent from the TxD pin in the following order.
A. Start bit: One-bit 0 is output.
B. Transmit data: 8-bit or 7-bit data is output in LSB-first order.
C. Parity bit: One parity bit (even or odd parity) is output. (A format in which a parity bit is
not output can also be selected.)
D. Stop bit(s): One- or two-bit 1s (stop bits) are output.
E. Mark state: 1 is output continuously until the start bit that starts the next transmission is
sent.
3. The SCIF checks the SCFTDR transmit data at the timing for sending the stop bit. If data is
present, the data is transferred from SCFTDR to SCTSR, the stop bit is sent, and then serial
transmission of the next frame is started.
If there is no transmit data, the TEND flag in the serial status register (SCSSR) is set to 1, the
stop bit is sent, and then the line goes to the mark state in which 1 is output continuously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com