Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 682 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 682 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 678Page - Renesas Technology Corp SH7721 Datasheet HTML 679Page - Renesas Technology Corp SH7721 Datasheet HTML 680Page - Renesas Technology Corp SH7721 Datasheet HTML 681Page - Renesas Technology Corp SH7721 Datasheet HTML 682Page - Renesas Technology Corp SH7721 Datasheet HTML 683Page - Renesas Technology Corp SH7721 Datasheet HTML 684Page - Renesas Technology Corp SH7721 Datasheet HTML 685Page - Renesas Technology Corp SH7721 Datasheet HTML 686Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 682 / 1524 page
background image
Section 18
Serial Communication Interface with FIFO (SCIF)
Rev. 3.00 Jan. 18, 2008 Page 620 of 1458
REJ09B0033-0300
Figure 18.6 shows the transmit data stop function flowchart.
Start of transmission
End of transmission
No
Set transmit data stop
number in SCTDSR
Set TSE and TSIE bits
in SCFCR to 1
Read TSF bit in SCSSR;
if it is 1, clear to 0 after reading
1 from TSF bit
Yes
TSF = 1 ?
1. Set the transmit data stop number in SCTDSR, then set
the TSE bit in SCFCR to 1.When an interrupt is enabled,
also set the TSIE bit to 1.
2. If the TSF bit in SCSSR is set to 1, clear it to 0 after
reading 1. When transmit data is written to SCFTDR in
this state, transmit operation is started.
3. If the TSF bit is set to 1 (transmit data stop number is
matched with transmit data number), transmit operation
is stopped. If the TSIE bit is set to 1, an interrupt is
generated.
Serial transmission continuation procedure:
Set the TCRST bit in SCFCR to 1, clear transmit count, and
clear the TCRST bit to 0. Then follow steps 1, 2, and 3.
1
2
3
Figure 18.6
Transmit Data Stop Function Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com