Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 678 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 678 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 674Page - Renesas Technology Corp SH7721 Datasheet HTML 675Page - Renesas Technology Corp SH7721 Datasheet HTML 676Page - Renesas Technology Corp SH7721 Datasheet HTML 677Page - Renesas Technology Corp SH7721 Datasheet HTML 678Page - Renesas Technology Corp SH7721 Datasheet HTML 679Page - Renesas Technology Corp SH7721 Datasheet HTML 680Page - Renesas Technology Corp SH7721 Datasheet HTML 681Page - Renesas Technology Corp SH7721 Datasheet HTML 682Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 678 / 1524 page
background image
Section 18
Serial Communication Interface with FIFO (SCIF)
Rev. 3.00 Jan. 18, 2008 Page 616 of 1458
REJ09B0033-0300
to 0 in transmitting. Set the TFRST bit in the SCFCR to 1 and reset the SCFTDR before TE is set
again to start transmission.
When an external clock is used, the clock should not be stopped during initialization or subsequent
operation. SCIF operation becomes unreliable if the clock is stopped.
Figure 18.2 is a sample flowchart for initializing the SCIF.
Initialization
(1) Set the clock selection in SCSCR.
Be sure to clear bits RIE TIE, TE, and RE
to 0.
(2) Set the operating clock source in SCSMR.
(3) Write a value corresponding to the bit rate
into SCBRR.
(Not necessary if an external clock is used.)
(4) Wait at least one bit interval, then set the
TE bit or RE bit in SCSR to 1. Also set the
RIE and TIE bits.
Setting the TE and RE bits enables the
TxD and RxD pins to be used. When
transmitting, the SCIF will go to the mark
state; when receiving, it will go to the idle
state.
Clear TE and RE bits in SCSCR to 0
Set TFRST and RFRST bits in
SCFCR to 1
(1)
(2)
(3)
(4)
1-bit interval elapsed?
Set RTRG1, RTRG0,
TTRG1, and TTRG0 in SCFCR
Clear TFRST and RFRST bits to 0
Set TE and RE bits in
SCSCR to 1,and set RIE,
and TIE bits
Set operating clock source in SCSMR
Yes
No
Set value in SCBRR
Set CKE1 and CKE0
bits in SCSCR2 (leaving TE and RE
bits cleared to 0)
End
Wait
Figure 18.2
Sample SCIF Initialization Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com