Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 681 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 681 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 677Page - Renesas Technology Corp SH7721 Datasheet HTML 678Page - Renesas Technology Corp SH7721 Datasheet HTML 679Page - Renesas Technology Corp SH7721 Datasheet HTML 680Page - Renesas Technology Corp SH7721 Datasheet HTML 681Page - Renesas Technology Corp SH7721 Datasheet HTML 682Page - Renesas Technology Corp SH7721 Datasheet HTML 683Page - Renesas Technology Corp SH7721 Datasheet HTML 684Page - Renesas Technology Corp SH7721 Datasheet HTML 685Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 681 / 1524 page
background image
Section 18
Serial Communication Interface with FIFO (SCIF)
Rev. 3.00 Jan. 18, 2008 Page 619 of 1458
REJ09B0033-0300
Figure 18.4 shows an example of the operation for transmission in asynchronous mode.
01
1
1
0/1
0
1
TDFE
TEND
Parity
bit
Parity
bit
Serial
data
Start
bit
Data
Stop
bit
Start
bit
Data
Stop
bit
Idle
state
(mark state)
Transmit-FIFO-
data-empty
interrupt request
Data written to
SCFTDR and TDFE
flag read as 1 then
cleared to 0 by Transmit-
FIFO-data-empty
interrupt handler
One frame
D0
D1
D7
D0
D1
D7
0/1
Transmit-FIFO-
data-empty
interrupt request
Figure 18.4
Example of Transmit Operation
(Example with 8-Bit Data, Parity, One Stop Bit)
• Transmit data stop function
When the value of the SCTDSR register and the number of transmit data match, transmit
operation stops. Setting the TSIE bit (interrupt enable bit) allows the generation of an interrupt
and activation of DMAC.
Figure 18.5 shows an example of the operation for transmit data stop function.
TSF flag
0
D0
D1
D6
D7
0/1
0
D0
D1
D6
D7
0/1
Start
bit
Transmit data
TxD
Parity
bit
Stop
bit
Start
bit
Figure 18.5
Example of Transmit Data Stop Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com