Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 702 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 702 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 698Page - Renesas Technology Corp SH7721 Datasheet HTML 699Page - Renesas Technology Corp SH7721 Datasheet HTML 700Page - Renesas Technology Corp SH7721 Datasheet HTML 701Page - Renesas Technology Corp SH7721 Datasheet HTML 702Page - Renesas Technology Corp SH7721 Datasheet HTML 703Page - Renesas Technology Corp SH7721 Datasheet HTML 704Page - Renesas Technology Corp SH7721 Datasheet HTML 705Page - Renesas Technology Corp SH7721 Datasheet HTML 706Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 702 / 1524 page
background image
Section 19
Infrared Data Association Module (IrDA)
Rev. 3.00 Jan. 18, 2008 Page 640 of 1458
REJ09B0033-0300
19.2
Input/Output Pins
Table 19.1 shows the IrDA pin configuration.
Table 19.1
Pin Configuration
Name
Pin Name
I/O
Function
IrDA receive data
IrRX
Input
Receive data input
IrDA transmit data
IrTX
Output
Transmit data output
Note:
Clock input from the serial clock pin cannot be set in IrDA mode.
19.3
Register Description
The IrDA has the following internal registers. Refer to section 37, List of Registers, for more
details on the addresses and states of these registers in each operating mode.
• IrDA mode register (SCIMR)
19.3.1
IrDA Mode Register (SCIMR)
SCIMR selects IrDA or SCIF mode and selects the IrDA output pulse width.
IrDA operates when the IRMOD bit is set to 1. When the IRMOD bit is cleared to 0, IrDA can
operate as an SCIF.
Bit
Bit Name
Initial Value R/W
Description
15 to 8
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
7
IRMOD
0
R/W
IrDA Mode
Selects whether this module operates as an
IrDA serial communication interface or as an
SCIF.
0: Operates as an SCIF
1: Operates as an IrDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com