Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 704 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 704 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 700Page - Renesas Technology Corp SH7721 Datasheet HTML 701Page - Renesas Technology Corp SH7721 Datasheet HTML 702Page - Renesas Technology Corp SH7721 Datasheet HTML 703Page - Renesas Technology Corp SH7721 Datasheet HTML 704Page - Renesas Technology Corp SH7721 Datasheet HTML 705Page - Renesas Technology Corp SH7721 Datasheet HTML 706Page - Renesas Technology Corp SH7721 Datasheet HTML 707Page - Renesas Technology Corp SH7721 Datasheet HTML 708Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 704 / 1524 page
background image
Section 19
Infrared Data Association Module (IrDA)
Rev. 3.00 Jan. 18, 2008 Page 642 of 1458
REJ09B0033-0300
19.4
Operation
The IrDA module can perform infrared communication conforming to IrDA 1.0 by connecting
infrared transmit/receive units. The serial communication interface unit includes a buffer in the
transmit unit and the receive unit, allowing CPU overhead to be reduced and continuous high-
speed communication to be performed.
The IrDA module modifies IrTx/IrRx transmit/receive data waveforms to satisfy the IrDA 1.0
specification for infrared communication.
In the IrDA 1.0 specification, communication is first performed at a speed of 9600 bps, and the
communication speed is changed. However, the communication rate cannot be automatically
changed in this module, so the communication speed should be confirmed, and the appropriate
speed set for this module by software.
19.4.1
Transmitting
The waveforms of a serial output signal (UART frame) from the SCIF are modified and the signal
is converted into the IR frame serial output signal by the IrDA module, as shown in figure 19.2.
When serial data is 0, a pulse of 3/16 the IR frame bit width is generated and output. When serial
data is 1, no pulse is output.
19.4.2
Receiving
Received 3/16 IR frame bit-width pulses are demodulated and converted to a UART frame, as
shown in figure 19.2.
Demodulation to 0 is performed for pulse output, and demodulation to 1 is performed for no pulse
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com