| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 707 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 707 Page - Renesas Technology Corp |
|
707 / 1524 page ![]() Section 20 I 2C Bus Interface (IIC) IFIIC10A_000020020200 Rev. 3.00 Jan. 18, 2008 Page 645 of 1458 REJ09B0033-0300 Section 20 I 2C Bus Interface (IIC) The I 2C bus interface supports and provides a subset of the Philips I2C bus (inter-IC bus) interface functions. The register configuration that controls the I 2C bus differs partly from the Philips configuration, however. Figure 20.1 shows a block diagram of the I 2C bus interface. Figure 20.2 shows an example of I/O pin connections to external circuits. 20.1 Features • Continuous transmission/reception Since the shift register, transmit data register, and receive data register are independent from each other, the continuous transmission/reception can be performed. • Start and stop conditions generated automatically in master mode • Selection of acknowledge output levels when receiving • Automatic loading of acknowledge bit when transmitting • Bit synchronization/wait function In master mode, the state of SCL is monitored per bit, and the timing is synchronized automatically. If transmission/reception is not yet possible, set the SCL to low until preparations are completed. • Six interrupt sources Transmit data empty (including slave-address match), transmit end, receive data full (including slave-address match), arbitration lost, NACK detection, and stop condition detection • Direct bus drive Two pins, SCL and SDA pins, function as NMOS open-drain outputs when the bus drive function is selected. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |