Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 705 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 705 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 701Page - Renesas Technology Corp SH7721 Datasheet HTML 702Page - Renesas Technology Corp SH7721 Datasheet HTML 703Page - Renesas Technology Corp SH7721 Datasheet HTML 704Page - Renesas Technology Corp SH7721 Datasheet HTML 705Page - Renesas Technology Corp SH7721 Datasheet HTML 706Page - Renesas Technology Corp SH7721 Datasheet HTML 707Page - Renesas Technology Corp SH7721 Datasheet HTML 708Page - Renesas Technology Corp SH7721 Datasheet HTML 709Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 705 / 1524 page
background image
Section 19
Infrared Data Association Module (IrDA)
Rev. 3.00 Jan. 18, 2008 Page 643 of 1458
REJ09B0033-0300
01
0
1
00
1
1
0
1
01
0
1
0
0
1
1
0
1
UART frame
Start bit
IR frame
Start bit
Bit cycle
3/16-bit cycle
pulse width
UART frame
Data
IR frame
Data
Receive
Transmit
Stop bit
Stop bit
Figure 19.2
Transmit/Receive Operation
19.4.3
Data Format Specification
The data format of UART frames used for IrDA communication must be specified by the SCIF_0
registers. The UART frame has eight data bits, no parity bit, and one stop bit.
IrDA communication is performed in asynchronous mode, and this mode must also be specified
by the SCIF_0 registers. The sampling rate must be set to 1/16.
When using IrDA, set the SCIF_0 operating clock by setting the CKE1 and CKE0 bits in the serial
control register to 01.
The IrDA communication rate is the same as the SCIF_0 bit rate, which is specified by the
SCIF_0 registers.
For details on SCIF_0 registers, refer to section 18, Serial Communication Interface with FIFO
(SCIF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com