Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 703 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 703 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 699Page - Renesas Technology Corp SH7721 Datasheet HTML 700Page - Renesas Technology Corp SH7721 Datasheet HTML 701Page - Renesas Technology Corp SH7721 Datasheet HTML 702Page - Renesas Technology Corp SH7721 Datasheet HTML 703Page - Renesas Technology Corp SH7721 Datasheet HTML 704Page - Renesas Technology Corp SH7721 Datasheet HTML 705Page - Renesas Technology Corp SH7721 Datasheet HTML 706Page - Renesas Technology Corp SH7721 Datasheet HTML 707Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 703 / 1524 page
background image
Section 19
Infrared Data Association Module (IrDA)
Rev. 3.00 Jan. 18, 2008 Page 641 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value R/W
Description
6 to 3
ICK3 to ICK0
All 0
R/W
Output Pulse Division Ratio 3 to 0
∗
Specifies the ratio for dividing the peripheral
clock (P
φ) to generate the IRCLK clock pulse to
be used for IrDA. IRCLK is obtained as follows:
IRCLK = 1/(2N + 2)
× Pφ
N = Value set by ICK3 to ICK0
2
PSEL
0
R/W
Output Pulse Width Select
Selects an IrDA output pulse width that is 3/16 of
the bit length for 115 kbps or 3/16 of the bit
length for the selected baud rate.
0: Pulse width is 3/16 of the bit length
1: Pulse width is 3/16 of 115 kbps bit length for
the baud rate selected by ICK3 to ICK0
1, 0
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
Note:
∗ Recommended value of IrDA
For example, when the transfer rate in 115.2kbps, set the value (Nb+1):(Ni+1) = 2:1.
Setting (Nb+1):(Ni+1) = 2:1 (115.2 kbps) allows operation in synchronization while the
SCIF module and IrDA module perform asynchronous operation. Synchronous
operation equalizes errors in the IR frame when such bit rate errors occur. Use bit 2
(PSEL) in SCIMR as PSEL = 1 to adjust transfer and receive data.
[Legend]
Nb:
The baud rate value in SCIF (SCBRD7 to SCBRD0 in SCBRR)
Ni :
The baud rate value in IrDA (ICK3 to ICK0 in SCIMR)
B :
Bit rate (bits/s)
Setting Example as P
φ =33.1776MHz:
Nb
Nb+1
B
Ni
Ni+1
17
18
115.2
8
9
35
36
57.6
8
9
53
54
38.4
8
9
107
108
19.2
8
9
215
2196
9.6
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com