Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 699 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 699 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 695Page - Renesas Technology Corp SH7721 Datasheet HTML 696Page - Renesas Technology Corp SH7721 Datasheet HTML 697Page - Renesas Technology Corp SH7721 Datasheet HTML 698Page - Renesas Technology Corp SH7721 Datasheet HTML 699Page - Renesas Technology Corp SH7721 Datasheet HTML 700Page - Renesas Technology Corp SH7721 Datasheet HTML 701Page - Renesas Technology Corp SH7721 Datasheet HTML 702Page - Renesas Technology Corp SH7721 Datasheet HTML 703Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 699 / 1524 page
background image
Section 18
Serial Communication Interface with FIFO (SCIF)
Rev. 3.00 Jan. 18, 2008 Page 637 of 1458
REJ09B0033-0300
18.6
Usage Notes
(1)
SCFTDR Writing and the TDFE Flag
The TDFE flag in the serial status register (SCSSR) is set when the number of transmit data bytes
written in the transmit FIFO data register (SCFTDR) has fallen below the transmit trigger number
set by bits TTRG1 and TTRG0 in the FIFO control register (SCFCR). After TDFE is set, transmit
data up to the number of empty bytes in SCFTDR can be written, allowing efficient continuous
transmission.
However, if the number of data bytes written in SCFTDR is less than or equal to the transmit
trigger number, the TDFE flag will be set to 1 again after being cleared to 0. The TDFE flag
should therefore be cleared to 0 after a number of data bytes exceeding the transmit trigger number
has been written to SCFTDR.
The number of transmit data bytes in SCFTDR can be found in the bits 14 to 8 of the FIFO data
count set register (SCFDR).
(2)
SCFRDR Reading and the RDF Flag
The RDF flag in the serial status register (SCSSR) is set when the number of receive data bytes in
the receive FIFO data register (SCFRDR) has become equal to or greater than the receive trigger
number set by bits RTRG1 and RTRG0 in the FIFO control register (SCFCR). After RDF is set,
receive data equivalent to the trigger number can be read from SCFRDR, allowing efficient
continuous reception.
However, if the number of data bytes in SCFRDR exceeds the trigger number, the RDF flag will
be set to 1 again after being cleared to 0. The RDF flag should therefore be cleared to 0 when 1
has been written to RDF after all receive data has been read.
The number of receive data bytes in SCFRDR can be found in the bits 6 to 0 of the FIFO data
count set register (SCFDR).
(3)
Break Detection and Processing
Break signals can be detected by reading the RxD pin directly when a framing error (FER) is
detected. In the break state the input from the RxD pin consists of all 0s, so the FER flag is set and
the parity error flag (PER) may also be set. Note that, although transfer of receive data to
SCFRDR is halted in the break state, the SCIF receiver continues to operate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com