Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 701 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 701 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 697Page - Renesas Technology Corp SH7721 Datasheet HTML 698Page - Renesas Technology Corp SH7721 Datasheet HTML 699Page - Renesas Technology Corp SH7721 Datasheet HTML 700Page - Renesas Technology Corp SH7721 Datasheet HTML 701Page - Renesas Technology Corp SH7721 Datasheet HTML 702Page - Renesas Technology Corp SH7721 Datasheet HTML 703Page - Renesas Technology Corp SH7721 Datasheet HTML 704Page - Renesas Technology Corp SH7721 Datasheet HTML 705Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 701 / 1524 page
background image
Section 19
Infrared Data Association Module (IrDA)
IFIRDA0A_000020010900
Rev. 3.00 Jan. 18, 2008 Page 639 of 1458
REJ09B0033-0300
Section 19
Infrared Data Association Module (IrDA)
This LSI has an on-chip Infrared Data Association (IrDA) interface that is based on the IrDA 1.0
system and can perform infrared communication.
The IrDA is an optional module used for modulation and demodulation of signals for the SCIF_0
module, and it must always be used together with the SCIF_0 module.
19.1
Features
• Conforms to the IrDA 1.0 system
• Asynchronous serial communication
 Data length: 8 bits
 Stop bit length: 1 bit
 Parity bit: None
• On-chip 64-stage FIFO buffers for both transmit and receive operations
• On-chip baud rate generator with selectable bit rates
• Guard functions to protect the receiver during transmission
• Clock supply halted to reduce power consumption when not using the IrDA interface
Figure 19.1 shows a block diagram of the IrDA.
SCIF_0
TxD
Transfer clock
RxD
Switching IrDA/SCIF
IrDA
IrTx
IrRx
Modulation unit
Demodulation unit
[Legend]
SCIF: Serial communication interface with FIFO
Figure 19.1
Block Diagram of IrDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com