Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 711 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 711 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 707Page - Renesas Technology Corp SH7721 Datasheet HTML 708Page - Renesas Technology Corp SH7721 Datasheet HTML 709Page - Renesas Technology Corp SH7721 Datasheet HTML 710Page - Renesas Technology Corp SH7721 Datasheet HTML 711Page - Renesas Technology Corp SH7721 Datasheet HTML 712Page - Renesas Technology Corp SH7721 Datasheet HTML 713Page - Renesas Technology Corp SH7721 Datasheet HTML 714Page - Renesas Technology Corp SH7721 Datasheet HTML 715Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 711 / 1524 page
background image
Section 20
I
2C Bus Interface (IIC)
Rev. 3.00 Jan. 18, 2008 Page 649 of 1458
REJ09B0033-0300
20.3.1
I
2C Bus Control Register 1 (ICCR1)
ICCR1 enables or disables the I
2C bus interface, controls transmission or reception, and selects
master or slave mode, transmission or reception, and transfer clock frequency in master mode.
Bit
Bit Name
Initial
Value
R/W
Description
7
ICE
0
R/W
I
2C Bus Interface Enable
0: This module is halted.
1: This bit is enabled for transfer operations.
6
RCVD
0
R/W
Reception Disable
This bit enables or disables the next operation when TRS
is 0 and ICDRR is read.
0: Enables next reception
1: Disables next reception
5
4
MST
TRS
0
0
R/W
R/W
Master/Slave Select
Transmit/Receive Select
In master mode with the I
2C bus format, when arbitration
is lost, MST and TRS are both reset by hardware,
causing a transition to slave receive mode. Modification
of the TRS bit should be made between transfer frames.
After data receive has been started in slave receive
mode, when the first seven bits of the receive data agree
with the slave address that is set to SAR and the eighth
bit is 1, TRS is automatically set to 1.
Operating modes are described below according to MST
and TRS combination.
00: Slave receive mode
01: Slave transmit mode
10: Master receive mode
11: Master transmit mode
3 to 0
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com