Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 715 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 715 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 711Page - Renesas Technology Corp SH7721 Datasheet HTML 712Page - Renesas Technology Corp SH7721 Datasheet HTML 713Page - Renesas Technology Corp SH7721 Datasheet HTML 714Page - Renesas Technology Corp SH7721 Datasheet HTML 715Page - Renesas Technology Corp SH7721 Datasheet HTML 716Page - Renesas Technology Corp SH7721 Datasheet HTML 717Page - Renesas Technology Corp SH7721 Datasheet HTML 718Page - Renesas Technology Corp SH7721 Datasheet HTML 719Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 715 / 1524 page
background image
Section 20
I
2C Bus Interface (IIC)
Rev. 3.00 Jan. 18, 2008 Page 653 of 1458
REJ09B0033-0300
20.3.4
I
2C Bus Interrupt Enable Register (ICIER)
ICIER enables or disables interrupt sources and acknowledge bits, sets acknowledge bits to be
transferred, and confirms acknowledge bits to be received.
Bit
Bit Name
Initial
Value
R/W
Description
7
TIE
0
R/W
Transmit Interrupt Enable
When the TDRE bit in ICSR is set to 1, this bit enables or
disables the transmit data empty interrupt (TXI).
0: Transmit data empty interrupt request (TXI) is disabled.
1: Transmit data empty interrupt request (TXI) is enabled.
6
TEIE
0
R/W
Transmit End Interrupt Enable
This bit enables or disables the transmit end interrupt
(TEI) at the rising of the ninth clock while the TDRE bit in
ICSR is 1. TEI can be canceled by clearing the TEND bit
or the TEIE bit to 0.
0: Transmit end interrupt request (TEI) is disabled.
1: Transmit end interrupt request (TEI) is enabled.
5
RIE
0
R/W
Receive Interrupt Enable
This bit enables or disables the receive data full interrupt
request (RXI) when a receive data is transferred from
ICDRS to ICDRR and the RDRF bit in ICSR is set to 1.
RXI can be canceled by clearing the RDRF or RIE bit to
0.
0: Receive data full interrupt request (RXI) is disabled.
1: Receive data full interrupt request (RXI) is enabled.
4
NAKIE
0
R/W
NACK Receive Interrupt Enable
This bit enables or disables the NACK receive interrupt
request (NAKI) when the NACKF and AL bits in ICSR are
set to 1. NAKI can be canceled by clearing the NACKF,
OVE, or NAKIE bit to 0.
0: NACK receive interrupt request (NAKI) is disabled.
1: NACK receive interrupt request (NAKI) is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com