Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 717 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 717 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 713Page - Renesas Technology Corp SH7721 Datasheet HTML 714Page - Renesas Technology Corp SH7721 Datasheet HTML 715Page - Renesas Technology Corp SH7721 Datasheet HTML 716Page - Renesas Technology Corp SH7721 Datasheet HTML 717Page - Renesas Technology Corp SH7721 Datasheet HTML 718Page - Renesas Technology Corp SH7721 Datasheet HTML 719Page - Renesas Technology Corp SH7721 Datasheet HTML 720Page - Renesas Technology Corp SH7721 Datasheet HTML 721Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 717 / 1524 page
background image
Section 20
I
2C Bus Interface (IIC)
Rev. 3.00 Jan. 18, 2008 Page 655 of 1458
REJ09B0033-0300
20.3.5
I
2C Bus Status Register (ICSR)
ICSR performs confirmation of interrupt request flags and status.
Bit
Bit Name
Initial
Value
R/W
Description
7
TDRE
0
R/W
Transmit Data Register Empty
[Setting condition]
• When data is transferred from ICDRT to ICDRS and
ICDRT becomes empty
• When TRS is set
• When a start condition (including re-transfer) has
been issued
• When transmit mode is entered from receive mode in
slave mode
[Clearing conditions]
• When 0 is written in TDRE after reading TDRE = 1
• When data is written to ICDRT with an instruction
6
TEND
0
R/W
Transmit End
[Setting conditions]
• When the ninth clock of SCL rises with the I2C bus
format while the TDRE flag is 1
[Clearing conditions]
• When 0 is written in TEND after reading TEND = 1
• When data is written to ICDRT with an instruction
5
RDRF
0
R/W
Receive Data Register Full
[Setting condition]
• When a receive data is transferred from ICDRS to
ICDRR
[Clearing conditions]
• When 0 is written in RDRF after reading RDRF = 1
• When ICDRR is read with an instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com