Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 721 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 721 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 717Page - Renesas Technology Corp SH7721 Datasheet HTML 718Page - Renesas Technology Corp SH7721 Datasheet HTML 719Page - Renesas Technology Corp SH7721 Datasheet HTML 720Page - Renesas Technology Corp SH7721 Datasheet HTML 721Page - Renesas Technology Corp SH7721 Datasheet HTML 722Page - Renesas Technology Corp SH7721 Datasheet HTML 723Page - Renesas Technology Corp SH7721 Datasheet HTML 724Page - Renesas Technology Corp SH7721 Datasheet HTML 725Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 721 / 1524 page
background image
Section 20
I
2C Bus Interface (IIC)
Rev. 3.00 Jan. 18, 2008 Page 659 of 1458
REJ09B0033-0300
Table 20.2
Transfer Rate
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Transfer Rate
CKS4 CKS3 CKS2 CKS1 CKS0
Peripheral
Clock
P
φ = 10
MHz
P
φ = 16
MHz
P
φ = 20
MHz
P
φ = 25
MHz
P
φ = 30
MHz
P
φ = 32
MHz
0
0
0
0
0
P
φ/28
357kHz
0
0
0
0
1
P
φ/40
250kHz
400kHz
0
0
0
1
0
P
φ/48
208kHz
333kHz
0
0
0
1
1
P
φ/64
156kHz
250kHz
313kHz
391kHz
0
0
1
0
0
P
φ/80
125kHz
200kHz
250kHz
313kHz
375kHz
400kHz
0
0
1
0
1
P
φ/100
100kHz
160kHz
200kHz
250kHz
300kHz
320kHz
0
0
1
1
0
P
φ/112
89kHz
143kHz
179kHz
223kHz
268kHz
286kHz
0
0
1
1
1
P
φ/128
78kHz
125kHz
156kHz
195kHz
234 kHz 250kHz
0
1
0
0
0
P
φ/56
179kHz
286kHz
357kHz
446kHz
536kHz
571kHz
0
1
0
0
1
P
φ/80
125kHz
200kHz
250kHz
313kHz
375kHz
400kHz
0
1
0
1
0
P
φ/96
104kHz
167kHz
208kHz
260kHz
313kHz
333kHz
0
1
0
1
1
P
φ/128
78kHz
125kHz
156kHz
195kHz
234 kHz 250kHz
0
1
1
0
0
P
φ/160
63kHz
100kHz
125kHz
156kHz
188kHz
200kHz
0
1
1
0
1
P
φ/200
50kHz
80kHz
100kHz
125kHz
150kHz
160kHz
0
1
1
1
0
P
φ/224
45kHz
71kHz
89kHz
112kHz
134 kHz 143kHz
0
1
1
1
1
P
φ/256
39kHz
63kHz
78kHz
98kHz
117kHz
125kHz
1
0
0
0
0
P
φ/112
89kHz
143kHz
179kHz
223kHz
268kHz
286kHz
1
0
0
0
1
P
φ/160
63kHz
100kHz
125kHz
156kHz
188kHz
200kHz
1
0
0
1
0
P
φ/192
52kHz
83kHz
104 kHz 130kHz
156kHz
167kHz
1
0
0
1
1
P
φ/256
39kHz
63kHz
78kHz
98kHz
117kHz
125kHz
1
0
1
0
0
P
φ/320
31kHz
50kHz
63kHz
78kHz
94kHz
100kHz
1
0
1
0
1
P
φ/400
25kHz
40kHz
50kHz
63kHz
75kHz
80kHz
1
0
1
1
0
P
φ/448
22kHz
36kHz
45kHz
56kHz
67kHz
71kHz
1
0
1
1
1
P
φ/512
20kHz
31kHz
39kHz
49kHz
59kHz
63kHz
1
1
0
0
0
P
φ/224
45kHz
71kHz
89kHz
112kHz
134kHz
143kHz
1
1
0
0
1
P
φ/320
31kHz
50kHz
63kHz
78kHz
94kHz
100kHz
1
1
0
1
0
P
φ/384
26kHz
42kHz
52kHz
65kHz
78kHz
83kHz
1
1
0
1
1
P
φ/512
20kHz
31kHz
39kHz
49kHz
59kHz
63kHz
1
1
1
0
0
P
φ/640
16kHz
25kHz
31kHz
39kHz
47kHz
50kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com