Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 722 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 722 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 718Page - Renesas Technology Corp SH7721 Datasheet HTML 719Page - Renesas Technology Corp SH7721 Datasheet HTML 720Page - Renesas Technology Corp SH7721 Datasheet HTML 721Page - Renesas Technology Corp SH7721 Datasheet HTML 722Page - Renesas Technology Corp SH7721 Datasheet HTML 723Page - Renesas Technology Corp SH7721 Datasheet HTML 724Page - Renesas Technology Corp SH7721 Datasheet HTML 725Page - Renesas Technology Corp SH7721 Datasheet HTML 726Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 722 / 1524 page
background image
Section 20
I
2C Bus Interface (IIC)
Rev. 3.00 Jan. 18, 2008 Page 660 of 1458
REJ09B0033-0300
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Transfer Rate
CKS4 CKS3 CKS2 CKS1 CKS0
Peripheral
Clock
P
φ = 10
MHz
P
φ = 16
MHz
P
φ = 20
MHz
P
φ = 25
MHz
P
φ = 30
MHz
P
φ = 32
MHz
1
1
1
0
1
P
φ/800
13kHz
20kHz
25kHz
31kHz
38kHz
40kHz
1
1
1
1
0
P
φ/896
11kHz
18kHz
22kHz
28kHz
33kHz
36kHz
1
1
1
1
1
P
φ/1024
10kHz
16kHz
20kHz
24kHz
29kHz
31kHz
Note:
In master mode, a transfer rate of 300 kHz or lower should be used.
In slave mode, a transfer rate of 400 kHz or lower should be used.
20.4
Operation
20.4.1
I
2C Bus Format
Figure 20.3 shows the I
2C bus formats. Figure 20.4 shows the I2C bus timing. The first frame
following a start condition always consists of 8 bits.
S
SLA
R/
W
A
DATA
A
A/
A
P
11
1
1
n
7
1
m
(a) I2C bus format (FS = 0)
(b) I2C bus format (Start condition retransmission, FS = 0)
n: Transfer bit count
(n = 1 to 8)
m: Transfer frame count
(m
≥ 1)
S
SLA
R/
W
A
DATA
11
1
n1
7
1
m1
S
SLA
R/
W
A
DATA
A/
A
P
11
1
n2
7
1
m2
1
1
1
A/
A
n1 and n2: Transfer bit count (n1 and n2 = 1 to 8)
m1 and m2: Transfer frame count (m1 and m2
≥ 1)
11
Figure 20.3
I
2C Bus Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com