Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 724 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 724 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 720Page - Renesas Technology Corp SH7721 Datasheet HTML 721Page - Renesas Technology Corp SH7721 Datasheet HTML 722Page - Renesas Technology Corp SH7721 Datasheet HTML 723Page - Renesas Technology Corp SH7721 Datasheet HTML 724Page - Renesas Technology Corp SH7721 Datasheet HTML 725Page - Renesas Technology Corp SH7721 Datasheet HTML 726Page - Renesas Technology Corp SH7721 Datasheet HTML 727Page - Renesas Technology Corp SH7721 Datasheet HTML 728Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 724 / 1524 page
background image
Section 20
I
2C Bus Interface (IIC)
Rev. 3.00 Jan. 18, 2008 Page 662 of 1458
REJ09B0033-0300
5. The transmit data after the second byte is written to ICDRT every time TDRE is set.
6. Write the number of bytes to be transmitted to ICDRT. Wait until TEND is set (the end of last
byte data transmission) while TDRE is 1, or wait for NACK (NACKF in ICSR = 1) from the
receive device while ACKE in ICIER is 1. Then, issue the stop condition to clear TEND or
NACKF.
7. When the STOP bit in ICSR is set to 1, the operation returns to the slave receive mode.
TDRE
SCL
(Master output)
SDA
(Master output)
SDA
(Slave output)
TEND
[5] Write data to ICDRT (third byte)
ICDRT
ICDRS
[2] Instruction of start
condition issuance
[3] Write data to ICDRT (first byte)
[4] Write data to ICDRT (second byte)
User
processing
1
Bit 7
Slave address
Address + R/
W
Data 1
Data 1
Data 2
Address + R/
W
Bit 6
Bit 7
Bit 6
Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
21
2
34
56
78
9
A
R/
W
Figure 20.5
Master Transmit Mode Operation Timing (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com