Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 725 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 725 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 721Page - Renesas Technology Corp SH7721 Datasheet HTML 722Page - Renesas Technology Corp SH7721 Datasheet HTML 723Page - Renesas Technology Corp SH7721 Datasheet HTML 724Page - Renesas Technology Corp SH7721 Datasheet HTML 725Page - Renesas Technology Corp SH7721 Datasheet HTML 726Page - Renesas Technology Corp SH7721 Datasheet HTML 727Page - Renesas Technology Corp SH7721 Datasheet HTML 728Page - Renesas Technology Corp SH7721 Datasheet HTML 729Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 725 / 1524 page
background image
Section 20
I
2C Bus Interface (IIC)
Rev. 3.00 Jan. 18, 2008 Page 663 of 1458
REJ09B0033-0300
TDRE
[6] Issue stop condition. Clear TEND.
[7] Set slave receive mode
TEND
ICDRT
ICDRS
1
9
2
34
56
78
9
A
A/
A
SCL
(Master output)
SDA
(Master output)
SDA
(Slave output)
Bit 7
Bit 6
Data n
Data n
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
[5] Write data to ICDRT
User
processing
Figure 20.6
Master Transmit Mode Operation Timing (2)
20.4.3
Master Receive Operation
In master receive mode, the master device outputs the receive clock, receives data from the slave
device, and returns an acknowledge signal. For master receive mode operation timing, refer to
figures 20.7 and 20.8. The reception procedure and operations in master receive mode are shown
below.
1. Clear the TEND bit in ICSR to 0, then clear the TRS bit in ICCR1 to 0 to switch from master
transmit mode to master receive mode. Then, clear the TDRE bit to 0.
2. When ICDRR is read (dummy data read), reception is started, and the receive clock is output,
and data received, in synchronization with the internal clock. The master device outputs the
level specified by ACKBT in ICIER to SDA, at the 9th receive clock pulse.
3. After the reception of first frame data is completed, the RDRF bit in ICST is set to 1 at the rise
of 9th receive clock pulse. At this time, the receive data is read by reading ICDRR, and RDRF
is cleared to 0.
4. The continuous reception is performed by reading ICDRR every time RDRF is set. If 8th
receive clock pulse falls after reading ICDRR by the other processing while RDRF is 1, SCL is
fixed low until ICDRR is read.
5. If next frame is the last receive data, set the RCVD bit in ICCR1 to 1 before reading ICDRR.
This enables the issuance of the stop condition after the next reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com