Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 723 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 723 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 719Page - Renesas Technology Corp SH7721 Datasheet HTML 720Page - Renesas Technology Corp SH7721 Datasheet HTML 721Page - Renesas Technology Corp SH7721 Datasheet HTML 722Page - Renesas Technology Corp SH7721 Datasheet HTML 723Page - Renesas Technology Corp SH7721 Datasheet HTML 724Page - Renesas Technology Corp SH7721 Datasheet HTML 725Page - Renesas Technology Corp SH7721 Datasheet HTML 726Page - Renesas Technology Corp SH7721 Datasheet HTML 727Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 723 / 1524 page
background image
Section 20
I
2C Bus Interface (IIC)
Rev. 3.00 Jan. 18, 2008 Page 661 of 1458
REJ09B0033-0300
SDA
SCL
S
1-7
SLA
8
R/
W
9
A
1-7
DATA
89
1-7
89
A
DATA
P
A
Figure 20.4
I
2C Bus Timing
[Legend]
S:
Start condition. The master device drives SDA from high to low while SCL is high.
SLA:
Slave address
R/
W: Indicates the direction of data transfer: from the slave device to the master device when
R/
W is 1, or from the master device to the slave device when R/W is 0.
A:
Acknowledge. The receive device drives SDA to low.
DATA: Transfer data
P:
Stop condition. The master device drives SDA from low to high while SCL is high.
20.4.2
Master Transmit Operation
In master transmit mode, the master device outputs the transmit clock and transmit data, and the
slave device returns an acknowledge signal. For master transmit mode operation timing, refer to
figures 20.5 and 20.6. The transmission procedure and operations in master transmit mode are
described below.
1. Set the ICE bit in ICCR1 to 1. Set the MLS bit in ICMR and the CKS4 to CKS0 bits in ICCKS
to 1. (Initial setting)
2. Read the BBSY flag in ICCR2 to confirm that the bus is free. Set the MST and TRS bits in
ICCR1 to select master transmit mode. Then, write 1 to BBSY and 0 to SCP using MOV
instruction. (Start condition issued) This generates the start condition.
3. After confirming that TDRE in ICSR has been set, write the transmit data (the first byte data
show the slave address and R/
W) to ICDRT. At this time, TDRE is automatically cleared to 0,
and data is transferred from ICDRT to ICDRS. TDRE is set again.
4. When transmission of one byte data is completed while TDRE is 1, TEND in ICSR is set to 1
at the rise of the 9th transmit clock pulse. Read the ACKBR bit in ICIER, and confirm that the
slave device has been selected. Then, write second byte data to ICDRT. When ACKBR is 1,
the slave device has not been acknowledged, so issue the stop condition. To issue the stop
condition, write 0 to BBSY and SCP using MOV instruction. SCL is fixed low until the
transmit data is prepared or the stop condition is issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com