Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 719 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 719 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 715Page - Renesas Technology Corp SH7721 Datasheet HTML 716Page - Renesas Technology Corp SH7721 Datasheet HTML 717Page - Renesas Technology Corp SH7721 Datasheet HTML 718Page - Renesas Technology Corp SH7721 Datasheet HTML 719Page - Renesas Technology Corp SH7721 Datasheet HTML 720Page - Renesas Technology Corp SH7721 Datasheet HTML 721Page - Renesas Technology Corp SH7721 Datasheet HTML 722Page - Renesas Technology Corp SH7721 Datasheet HTML 723Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 719 / 1524 page
background image
Section 20
I
2C Bus Interface (IIC)
Rev. 3.00 Jan. 18, 2008 Page 657 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
1
AAS
0
R/W
Slave Address Recognition Flag
In slave receive mode, this flag is set to 1 if the first frame
following a start condition matches bits SVA6 to SVA0 in
SAR.
[Setting conditions]
• When the slave address is detected in slave receive
mode
• When the general call address is detected in slave
receive mode.
[Clearing condition]
• When 0 is written in AAS after reading AAS = 1
0
ADZ
0
R/W
General Call Address Recognition Flag
This bit is valid in I
2C bus format slave receive mode.
[Setting condition]
• When the general call address is detected in slave
receive mode
[Clearing conditions]
• When 0 is written in ADZ after reading ADZ = 1
20.3.6
Slave Address Register (SAR)
SAR selects the communication format and sets the slave address. When the chip is in slave mode
with the I
2C bus format, if the upper 7 bits of SAR match the upper 7 bits of the first frame
received after a start condition, the chip operates as the slave device.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 1
SVA6 to
SVA0
All 0
R/W
Slave Address 6 to 0
These bits set a unique address in bits SVA6 to SVA0,
differing form the addresses of other slave devices
connected to the I
2C bus.
0
0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com