Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 720 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 720 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 716Page - Renesas Technology Corp SH7721 Datasheet HTML 717Page - Renesas Technology Corp SH7721 Datasheet HTML 718Page - Renesas Technology Corp SH7721 Datasheet HTML 719Page - Renesas Technology Corp SH7721 Datasheet HTML 720Page - Renesas Technology Corp SH7721 Datasheet HTML 721Page - Renesas Technology Corp SH7721 Datasheet HTML 722Page - Renesas Technology Corp SH7721 Datasheet HTML 723Page - Renesas Technology Corp SH7721 Datasheet HTML 724Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 720 / 1524 page
background image
Section 20
I
2C Bus Interface (IIC)
Rev. 3.00 Jan. 18, 2008 Page 658 of 1458
REJ09B0033-0300
20.3.7
I
2C Bus Transmit Data Register (ICDRT)
ICDRT is an 8-bit readable/writable register that stores the transmit data. When ICDRT detects the
space in the shift register (ICDRS), it transfers the transmit data which is written in ICDRT to
ICDRS and starts transferring data. If the next transfer data is written to ICDRT during
transferring data of ICDRS, continuous transfer is possible. If the MLS bit of ICMR is set to 1 and
when the data is written to ICDRT, the MSB/LSB inverted data is read. The initial value of
ICDRT is H'FF.
20.3.8
I
2C Bus Receive Data Register (ICDRR)
ICDRR is an 8-bit register that stores the receive data. When data of one byte is received, ICDRR
transfers the receive data from ICDRS to ICDRR and the next data can be received. ICDRR is a
receive-only register, therefore the CPU cannot write to this register. The initial value of ICDRR is
H'FF.
20.3.9
I
2C Bus Shift Register (ICDRS)
ICDRS is a register that is used to transfer/receive data. In transmission, data is transferred from
ICDRT to ICDRS and the data is sent from the SDA pin. In reception, data is transferred from
ICDRS to ICDRR after data of one byte is received. This register cannot be read directly from the
CPU.
20.3.10
I
2C Bus Master Transfer Clock Select Register (ICCKS)
ICCKS is enabled in master mode and selects a transfer clock used in master mode. Specify
ICCKS according to the required transfer rate. For transfer rate, see table 20.2.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 5
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
4
3
2
1
0
CKS4
CKS3
CKS2
CKS1
CKS0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
Master Transfer Clock Select 4 to 0
Specify these bits according to the required
transfer rate in master mode. In slave mode, these
bits are used to ensure the data setup time in
transmit mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com