Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 712 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 712 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 708Page - Renesas Technology Corp SH7721 Datasheet HTML 709Page - Renesas Technology Corp SH7721 Datasheet HTML 710Page - Renesas Technology Corp SH7721 Datasheet HTML 711Page - Renesas Technology Corp SH7721 Datasheet HTML 712Page - Renesas Technology Corp SH7721 Datasheet HTML 713Page - Renesas Technology Corp SH7721 Datasheet HTML 714Page - Renesas Technology Corp SH7721 Datasheet HTML 715Page - Renesas Technology Corp SH7721 Datasheet HTML 716Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 712 / 1524 page
background image
Section 20
I
2C Bus Interface (IIC)
Rev. 3.00 Jan. 18, 2008 Page 650 of 1458
REJ09B0033-0300
20.3.2
I
2C Bus Control Register 2 (ICCR2)
ICCR1 issues start/stop conditions, manipulates the SDA pin, monitors the SCL pin, and controls
reset in the control part of the I
2C bus interface.
Bit
Bit Name
Initial
Value
R/W
Description
7
BBSY
0
R/W
Bus Busy
This bit enables to confirm whether the I
2C bus is
occupied or released and to issue start/stop conditions in
master mode. With the I
2C bus format, this bit is set to 1
when the SDA level changes from high to low under the
condition of SCL = high, assuming that the start condition
has been issued. This bit is cleared to 0 when the SDA
level changes from low to high under the condition of SCL
= high, assuming that the stop condition has been issued.
Write 1 to BBSY and 0 to SCP to issue a start condition.
Follow this procedure when also re-transmitting a start
condition. Write 0 in BBSY and 0 in SCP to issue a stop
condition. To issue start/stop conditions, use the MOV
instruction.
6
SCP
1
W
Start/Stop Issue Condition Disable
The SCP bit controls the issue of start/stop conditions in
master mode.
To issue a start condition, write 1 in BBSY and 0 in SCP.
A retransmit start condition is issued in the same way. To
issue a stop condition, write 0 in BBSY and 0 in SCP.
This bit is always read as 1. If 1 is written, the data is not
stored.
5
SDAO
1
R/W
SDA Output Value Control
This bit is used with SDAOP when modifying output level
of SDA. This bit should not be manipulated during
transfer.
0: When reading, SDA pin outputs low.
When writing, SDA pin is changed to output low.
1: When reading, SDA pin outputs high.
When writing, SDA pin is changed to output Hi-Z
(outputs high by external pull-up resistance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com