Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 732 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 732 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 728Page - Renesas Technology Corp SH7721 Datasheet HTML 729Page - Renesas Technology Corp SH7721 Datasheet HTML 730Page - Renesas Technology Corp SH7721 Datasheet HTML 731Page - Renesas Technology Corp SH7721 Datasheet HTML 732Page - Renesas Technology Corp SH7721 Datasheet HTML 733Page - Renesas Technology Corp SH7721 Datasheet HTML 734Page - Renesas Technology Corp SH7721 Datasheet HTML 735Page - Renesas Technology Corp SH7721 Datasheet HTML 736Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 732 / 1524 page
background image
Section 20
I
2C Bus Interface (IIC)
Rev. 3.00 Jan. 18, 2008 Page 670 of 1458
REJ09B0033-0300
20.4.6
Noise Canceller
The logic levels at the SCL and SDA pins are routed through noise cancellers before being latched
internally. Figure 20.16 shows a block diagram of the noise canceller circuit.
The noise canceller consists of two cascaded latches and a match detector. The SCL (or SDA)
input signal is sampled on the peripheral clock, but is not passed forward to the next circuit unless
the outputs of both latches agree. If they do not agree, the previous value is held.
C
Q
D
March detector
Internal
SCL or SDA
signal
SCL or SDA
input signal
Sampling
clock
Sampling clock
Peripheral clock
period
Latch
Latch
C
Q
D
Figure 20.13
Block Diagram of Noise Conceller
20.4.7
Example of Use
Flowcharts in respective modes that use the I
2C bus interface are shown in figures 20.17 to 20.20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com