| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 734 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 734 Page - Renesas Technology Corp |
|
734 / 1524 page ![]() Section 20 I 2C Bus Interface (IIC) Rev. 3.00 Jan. 18, 2008 Page 672 of 1458 REJ09B0033-0300 No Yes RDRF=1 ? No Yes RDRF=1 ? Last receive - 1? Mater receive mode Clear TEND in ICSR Clear TRS in ICCR1 to 0 Clear TDRE in ICSR Clear ACKBT in ICIER to 0 Dummy-read ICDRR Read RDRF in ICSR Read ICDRR Set ACKBT in ICIER to 1 Set RCVD in ICCR1 to 1 Read ICDRR Read RDRF in ICSR Write 0 to BBSY and SCP Read STOP in ICSR Read ICDRR Clear RCVD in ICCR1 to 0 Clear MST in ICCR1 to 0 Note: 1. Do not activate an interrupt during the execution of steps [1] to [3]. End No Yes STOP=1 ? No Yes [1] Clear TEND, select master receive mode, and then clear TDRE.*1*2 [2] Set acknowledge to the transmit device.*1 [3] Dummy-read ICDDR.* [4] Wait for 1 byte to be received [5] Check whether it is the (last receive - 1). [6] Read the receive data last. [7] Set acknowledge of the final byte. Disable continuous reception (RCVD = 1). [8] Read the (final byte - 1) of receive data. [9] Wait for the last byte to be receive. [10] Clear the STOP flag. [11] Issue the stop condition. [12] Wait for the creation of stop condition. [13] Read the last byte of receive data. [14] Clear RCVD. [15] Set slave receive mode. [1] [2] [3] [4] [5] [6] [7] [8] [9] [11] [12] [13] Clear STOP in ICSR. [10] [14] [15] 2. When one byte is received, steps [2] to [6] are skipped; step [7] is executed after step [1]. Setp [8] is ICDRR dummy read. Figure 20.15 Sample Flowchart for Master Receive Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |