Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 733 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 733 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 729Page - Renesas Technology Corp SH7721 Datasheet HTML 730Page - Renesas Technology Corp SH7721 Datasheet HTML 731Page - Renesas Technology Corp SH7721 Datasheet HTML 732Page - Renesas Technology Corp SH7721 Datasheet HTML 733Page - Renesas Technology Corp SH7721 Datasheet HTML 734Page - Renesas Technology Corp SH7721 Datasheet HTML 735Page - Renesas Technology Corp SH7721 Datasheet HTML 736Page - Renesas Technology Corp SH7721 Datasheet HTML 737Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 733 / 1524 page
background image
Section 20
I
2C Bus Interface (IIC)
Rev. 3.00 Jan. 18, 2008 Page 671 of 1458
REJ09B0033-0300
BBSY=0 ?
No
TEND=1 ?
No
Yes
Start
[1]
[2]
[3]
[4]
[5]
[6]
[7]
[8]
[9]
[10]
[11]
[13]
[14]
[15]
Initialize
Set MST and TRS
in ICCR1 to 1.
Write 1 to BBSY
and 0 to SCP.
Write transmit data
in ICDRT
Write 0 to BBSY
and SCP
Set MST and
TRS to 0 in ICCR1
Read BBSY in ICCR2
Read TEND in ICSR
Read ACKBR in ICIER
Mater receive mode
Yes
ACKBR=0 ?
Write transmit data in ICDRT
Read TDRE in ICSR
Read TEND in ICSR
Clear TEND in ICSR
Read STOP in ICSR
Clear TDRE in ICSR
End
Write transmit data in ICDRT
Transmit
mode?
No
Yes
TDRE=1 ?
Last byte?
STOP=1 ?
No
No
No
No
No
Yes
Yes
TEND=1 ?
Yes
Yes
Yes
[1]
Test the status of the SCL and SDA lines.
[2]
Set master transmit mode.
[3]
Issue the start candition.
[4]
Set the first byte (slave address + R/
W) of transmit data.
[5]
Wait for 1 byte to be transmitted.
[6]
Test the acknowledge transferred from the specified slave device.
[7]
Set the second and subsequent bytes (except for the final byte) of transmit data.
[8]
Wait for ICDRT empty.
[9]
Set the last byte of transmit data.
[10] Wait for last byte to be transmitted.
[11] Clear the TEND flag.
[12] Clear the STOP flag.
[13] Issue the stop condition.
[14] Wait for the creation of stop condition.
[15] Set slave receive mode. Clear TDRE.
[12]
Clear STOP in ICSR
Figure 20.14
Sample Flowchart for Master Transmit Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com