Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 154Page - Renesas Technology Corp 7721 Datasheet HTML 155Page - Renesas Technology Corp 7721 Datasheet HTML 156Page - Renesas Technology Corp 7721 Datasheet HTML 157Page - Renesas Technology Corp 7721 Datasheet HTML 158Page - Renesas Technology Corp 7721 Datasheet HTML 159Page - Renesas Technology Corp 7721 Datasheet HTML 160Page - Renesas Technology Corp 7721 Datasheet HTML 161Page - Renesas Technology Corp 7721 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–39
8.6 Pulse width modulation (PWM) mode
Fig. 8.6.1 Structures of timer Aj mode registers and timer Aj registers in PWM mode
b7
b6
b5
b4
b3
b2
b1
b0
Timer Aj mode register (j = 2 to 4) (Addresses 5816 to 5A16)
7
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
b7 b6
Count source select bits
11
1
At reset
0
RW
Trigger select bits
Fix this bit to “1” in PWM mode.
1
Operating mode select bits
Functions
1 1 : PWM mode
b1 b0
b4 b3
16/8-bit PWM mode select bit
0 0 :
Writing “1” to count start register
0 1 :
IN
pin functions as a pro-
grammable I/O port.)
1 0 : Falling edge of TAjIN pin’s input signal
1 1 : Rising edge of TAjIN pin’s input signal
0 : 16-bit pulse width modulator
1 : 8-bit pulse width modulator
4
0
2
3
5
6
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
<When operating as an 8-bit pulse width modulator>
(b15)
b7
b0
b7
b0
(b8)
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
Functions
Bit
At reset
RW
7 to 0
15 to 8
Undefined
Undefined
These bits can be set to “0016” to “FF16.”
Assuming that the set value = m, PWM
pulse’s period output from the TAjOUT pin is
expressed as follows:
(m + 1)(28 – 1)
fi
WO
These bits can be set to “0016” to “FE16.”
Assuming that the set value = n, the “H” level
width of the PWM pulse output from the
TAjOUT pin is expressed as follows:
n(m + 1)
fi
WO
fi: Frequency of count source (f2, f16, f64, or f512)
Note: Use the LDM or STA instruction for writing to this register.
Read from or write to this register in a unit of 16 bits.
b7
b0
b7
b0
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
Functions
Bit
At reset
RW
15 to 0 These bits can be set to “000016” to “FFFE16.”
Assuming that the set value = n, the “H” level
width of the PWM pulse output from the
TAjOUT pin is expressed as follows:
(PWM pulse period =
)
Undefined
<When operating as a 16-bit pulse width modulator>
(b15)
(b8)
WO
n
fi
fi: Frequency of count source (f2, f16, f64, or f512)
Note: Use the LDM or STA instruction for writing to this register.
Read from or write to this register in a unit of 16 bits.
n16 – 1
fi
Bit
Bit name
(TAj



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com