Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 13Page - Renesas Technology Corp 7721 Datasheet HTML 14Page - Renesas Technology Corp 7721 Datasheet HTML 15Page - Renesas Technology Corp 7721 Datasheet HTML 16Page - Renesas Technology Corp 7721 Datasheet HTML 17Page - Renesas Technology Corp 7721 Datasheet HTML 18Page - Renesas Technology Corp 7721 Datasheet HTML 19Page - Renesas Technology Corp 7721 Datasheet HTML 20Page - Renesas Technology Corp 7721 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 577 page
background image
DESCRIPTION
7721 Group User’s Manual
1–2
1.1 Performance overview
1.1 Performance overview
Table 1.1.1 lists the performance overview of the M37721.
Table 1.1.1 M37721 performance overview
ROM
RAM
P5–P10
P4
TA0–TA4
TB0–TB2
UART0, UART1
M37721S2BFP
M37721S1BFP
Parameters
Number of basic instructions
Instruction execution time
External clock input frequency f(XIN)
Memory sizes
Programmable Input/Output
ports
Multifunctional timers
Serial I/O
A-D converter
Watchdog timer
DMA controller
DRAM controller
Real-time output
Interrupts
Clock generating circuit
Supply voltage
Power dissipation
Port Input/Output
characteristics
Memory expansion
Operating temperature range
Device structure
Package
Input/Output withstand voltage
Output current
Functions
103
160 ns (the minimum instruction at f(XIN) = 25 MHz)
25 MHz (maximum)
External
1024 bytes
512 bytes
8 bits ! 6
5 bits ! 1
16 bits ! 5
16 bits ! 3
(UART or clock synchronous serial I/O) ! 2
8-bit successive approximation method ! 1 (8 channels)
12 bits ! 1
4 channels
Maximum transfer rate : 12.5 Mbytes/sec.
(at f(XIN) = 25 MHz, 1-bus cycle transfer)
Maximum transfer rate : 6.25 Mbytes/sec.
(at f(XIN) = 25 MHz, 2-bus cycle transfer)
____
____
CAS before RAS refreshing method
4 bits ! 2 channels
or 6 bits ! 1 channel + 2 bits ! 1 channel
3 external, 20 internal (priority levels 0 to 7 can
be set for each interrupt with software)
Built-in (externally connected to a ceramic
resonator or a quartz-crystal oscillator)
5 V ±10 %
135 mW (at f(XIN) = 25 MHz, typ.)
5 V
5 mA
Maximum 16 Mbytes
–20°C to 85°C
CMOS high-performance silicon gate process
100-pin plastic molded QFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com